Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-L-D Datasheet(PDF) 50 Page - Texas Instruments

Part # TSW-102-07-L-D
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-L-D Datasheet(HTML) 50 Page - Texas Instruments

Back Button TSW-102-07-L-D Datasheet HTML 46Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 47Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 48Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 49Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 50Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 51Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 52Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 53Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
!"
6730 SOUTH TUCSON BLVD., TUCSON, AZ 85706 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
28-Oct-2004
DRAWN BY
ENGINEER
REVISION HISTORY
REV
ENGINEERING CHANGE NUMBER
APPROVED
B
DATA ACQUISITION PRODUCTS
HIGH-PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
RICK DOWNS
ROBERT BENJAMIN
D:\USB-MODEVM\USB Motherboard - ModEvm.ddb - Documents\Daughtercard Interface
B
22
USB-MODEVM INTERFACE
DOCUMENT CONTROL NO. 6463996
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J12
DAUGHTER-SERIAL
+5VD
+5VA
1
2
JMP2
1
2
JMP1
JPR-2X1
+5VA
+5VD
J2
+5VA
J3
+5VD
+5VA
+5VD
C2
10uF
C3
10uF
J4
+1.8VD
J5
+3.3VD
C4
10uF
C5
10uF
J1
-5VA
C1
10uF
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J11
DAUGHTER-ANALOG
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J22
DAUGHTER-SERIAL
+5VD
+5VA
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J21
DAUGHTER-ANALOG
+1.8VD
+3.3VD
+1.8VD
+3.3VD
JMP5
JMP3
JMP4
R2
2.7K
R1
2.7K
IOVDD
-5VA
-5VA
-5VA
MCLK
BCLK
LRCLK
I2SDIN
I2SDOUT
MISO
MOSI
SS
SCLK
RESET
INT
PWR_DWN
P3.3
P3.4
P3.5
P1.0
SDA
SCL
P1.1
P1.2
P1.3
TP1
TP2
TP3
TP5
TP4
TP7
AGND
TP8
DGND
R21
390
R22
390
D7
SML-LX0603GW-TR
GREEN
D6
SML-LX0603GW-TR
GREEN
J11A (TOP) = SAM_TSM-110-01-L-DV-P
J11B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J12A (TOP) = SAM_TSM-110-01-L-DV-P
J12B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J13A (TOP) = SAM_TSM-105-01-L-DV-P
J13B (BOTTOM) = SAM_SSW-105-22-F-D-VS-K
J21A (TOP) = SAM_TSM-110-01-L-DV-P
J21B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J22A (TOP) = SAM_TSM-110-01-L-DV-P
J22B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J23A (TOP) = SAM_TSM-105-01-L-DV-P
J23B (BOTTOM) = SAM_SSW-105-22-F-D-VS-K
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
J13
DAUGHTER-POWER
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
J23
DAUGHTER-POWER


Similar Part No. - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-L-D TI1-TSW-102-07-L-D Datasheet
2Mb / 48P
Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
AND Gate (unbuffered) and Buffered
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
PHOENIX CONTACT
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
License - VLC-PDK-CIT-P
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-CIT-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-CIT-USB
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
VLC-PDK-CIT-USB
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
License - VLC-PDK-MWX-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-MWX-P
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
License - VLC-OEM-PDK-MWX-USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com