Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-L-D Datasheet(PDF) 49 Page - Texas Instruments

Part # TSW-102-07-L-D
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-L-D Datasheet(HTML) 49 Page - Texas Instruments

Back Button TSW-102-07-L-D Datasheet HTML 45Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 46Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 47Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 48Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 49Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 50Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 51Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 52Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
!"
6730 SOUTH TUCSON BLVD., TUCSON, AZ 85706 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
28-Oct-2004
DRAWN BY
ENGINEER
REVISION HISTORY
REV
ENGINEERING CHANGE NUMBER
APPROVED
B
DATA ACQUISITION PRODUCTS
HIGH PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
RICK DOWNS
ROBERT BENJAMIN
D:\USB-MODEVM\USB Motherboard - ModEvm.ddb - Documents\USB Interface
B
12
USB-MODEVM INTERFACE
J9
CUI-STACK PJ102-B
YELLOW
2.5 MM
6VDC-10VDC IN
C15
0.1uF
DOCUMENT CONTROL NO.
XTALO
46
XTALI
47
PLLFILI
48
PLLFILO
1
MCLKI
3
PUR
5
DP
6
DM
7
DVSS
4
DVSS
16
DVSS
28
AVSS
45
AVDD
2
DVDD
33
DVDD
21
DVDD
8
P1.0
23
P1.1
24
P1.2
25
P1.3
26
P1.4
27
P1.5
29
P1.6
30
P1.7
31
U8
TAS1020BPFB
VCC
1
D-
2
D+
3
GND
4
J7
897-30-004-90-000000
R9
1.5K
R10
27.4
R11
27.4
C13
47pF
C14
47pF
JMP6
PWR SELECT
C20
100pF
C21
.001uF
R12
3.09K
X1
MA-505 6.000M-C0
C18
33pF
C19
33pF
+3.3VD
VCC
8
VSS
4
U1
24LC64I/SN
+3.3VD
C9
1uF
TP9
TP10
R3
2.7K
R5
2.7K
+3.3VD
MCLK
BCLK
LRCLK
I2SDIN
I2SDOUT
INT
MISO
MOSI
SS
SCLK
R13
649
+3.3VD
R4
10
C10
1uF
C11
1uF
C12
1uF
USB SLAVE CONN
EXT PWR IN
6.00 MHZ
6463996
RED
1OE
1
1A
2
1Y
3
2OE
4
2A
5
2Y
6
GND
7
3Y
8
3A
9
3OE
10
4Y
11
4A
12
4OE
13
VCC
14
U3
SN74LVC125APW
1OE
1
1A
2
1Y
3
2OE
4
2A
5
2Y
6
GND
7
3Y
8
3A
9
3OE
10
4Y
11
4A
12
4OE
13
VCC
14
U4
SN74LVC125APW
2
4
U5
SN74LVC1G07DBV
IOVDD
IOVDD
C23
1uF
R6
2.7K
C22
1uF
IOVDD
C27
1uF
+3.3VD
2
4
U7
SN74LVC1G07DBV
C26
1uF
R7
2.7K
+3.3VD
+3.3VD
IOVDD
+1.8VD
+3.3VD
IOVDD
R8
2.7K
+3.3VD
2
4
U6
SN74LVC1G07DBV
IOVDD
C25
1uF
TP11
MRESET
3.3VD ENABLE
1.8VD ENABLE
C17
0.33uF
C7
10uF
1GND
3
1EN
4
1IN
5
1IN
6
2GND
9
2EN
10
2IN
11
2IN
12
2OUT
17
2OUT
18
2RESET
22
1OUT
23
1OUT
24
1RESET
28
U9
TPS767D318PWP
R18
100K
R17
100K
+3.3VD
C8
10uF
D5
SML-LX0603IW-TR
D2
SML-LX0603YW-TR
D4
SML-LX0603GW-TR
R19
220
GREEN
USB I2S
USB MCK
USB SPI
USB SPI
USB I2S
USB MCK
+1.8VD
RESET
C24
1uF
USB ACTIVE
USB RST
USB RST
2
4
6
1
3
5
7
8
9
10
11
12
J15
EXTERNAL SPI
2
4
6
1
3
5
7
8
9
10
11
12
J14
EXTERNAL AUDIO DATA
PWR_DWN
J10
EXT MCLK
R20
75
IOVDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW2
SW DIP-8
EXT MCK
2
4
1
3
J6
EXTERNAL I2C
IOVDD
Q1
ZXMN6A07F
Q2
ZXMN6A07F
1
2
3
4
5
6
JMP7
IOVDD SELECT
+5VD
SDA
SCL
+5VD
R15
10K
R16
10K
1
4
2
3
SW1
REGULATOR ENABLE
VIN
3
VOUT
2
U2
REG1117-5
D1
DL4001
C16
0.33uF
C6
10uF
P3.3
P3.4
P3.5
P1.0
P1.1
P1.2
P1.3
J8
ED555/2DS
TP6
D3
SML-LX0603GW-TR
R14
390
GREEN
A0
A1
A2
1
2
JMP8
1
2
JMP9
1
2
JMP10
1
2
JMP11
1
2
JMP12
1
2
JMP13
1
2
JMP14
2
4
U10
SN74LVC1G125DBV
C28
1uF
RA1
10K


Similar Part No. - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-L-D TI1-TSW-102-07-L-D Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
   License - VLC-PDK-MWX-P
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
   VLC-PDK-CIT-USB
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
   License - VLC-OEM-PDK-MWX-USB
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-P
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
   License - VLC-PDK-CIT-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
   License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-MWX-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-USB
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com