Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-L-D Datasheet(PDF) 43 Page - Texas Instruments

Part # TSW-102-07-L-D
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-L-D Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSW-102-07-L-D Datasheet HTML 39Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 40Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 41Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 42Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 43Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 44Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 45Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 46Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
ti
6730 SOUTH TUCSON BLVD., TUCSON, AZ 85706 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
29-Nov-2006
DRAWN BY
ENGINEER
REVISION HISTORY
REV
ENGINEERING CHANGE NUMBER
APPROVED
B
DATA ACQUISITION PRODUCTS
HIGH-PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
RICK DOWNS
BOB BENJAMIN
A
22
TLV320AIC3104EVM INTERFACE
DOCUMENT CONTROL NO. 6487968
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J4
DAUGHTER-SERIAL
1
2
JMP1
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J1
DAUGHTER-ANALOG
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
J5
DAUGHTER-SERIAL
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J2
DAUGHTER-ANALOG
MCLK
BCLK
WCLK
DIN
DOUT
RESET
SDA
SCL
TP1
AGND
TP2
DGND
J1A (TOP) = SAM_TSM-110-01-L-DV-P
J1B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J4A (TOP) = SAM_TSM-110-01-L-DV-P
J4B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J2A (TOP) = SAM_TSM-110-01-L-DV-P
J2B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J5A (TOP) = SAM_TSM-110-01-L-DV-P
J5B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
J3A (TOP) = SAM_TSM-105-01-L-DV-P
J3B (BOTTOM) = SAM_SSW-105-22-F-D-VS-K
IN2L
IN2R
HPLOUT
HPROUT
HPLCOM
HPRCOM
DRVDD
AVDD_DAC
MICBIAS
IN1RM
IN1LM
IN1LP
LEFT_LOP
RIGHT_LOP
LEFT_LOM
RIGHT_LOM
+5VA
VIN
3
VOUT
2
U1
REG1117-3.3
+5VA
C1
10uF
C5
0.1uF
C2
10uF
+3.3VA
VCC
8
VSS
4
U2
24AA64I/SN
C6
0.1uF
IOVDD
R1
2.7K
JMP2
1
2
JMP9
RESET
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
J3
DAUGHTER-POWER
IN1RP
TP6 TP18
DVDD
IOVDD
JMP16
IOVDD


Similar Part No. - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-L-D TI1-TSW-102-07-L-D Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
   License - VLC-PDK-MWX-P
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
   VLC-PDK-CIT-USB
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
   License - VLC-OEM-PDK-MWX-USB
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-P
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
   License - VLC-PDK-CIT-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
   License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-MWX-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-USB
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com