Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-L-D Datasheet(PDF) 42 Page - Texas Instruments

Part # TSW-102-07-L-D
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-L-D Datasheet(HTML) 42 Page - Texas Instruments

Back Button TSW-102-07-L-D Datasheet HTML 38Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 39Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 40Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 41Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 42Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 43Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 44Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 45Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Revision History
REV
ECN Number
Approved
ti
6730 SOUTH TUCSON BLVD., TUCSON, AZ 85706 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
29-Nov-2006
DRAWN BY
ENGINEER
A
DATA ACQUISITION PRODUCTS
HIGH PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
BOB BENJAMIN
RICK DOWNS
A
12
TLV320AIC3104EVM
DVDD
R2
2.7K
R5
2.2K
J8
SJ1-3515-SMT
C18
0.1uF
C13
10uF
R4
NI
1
2
3
JMP10
MIC BIAS SEL
+3.3VA
TP14
AVSS
TP5
MICBIAS
C14
10uF
DOCUMENT CONTROL NO.
DOUT
DIN
WCLK
BCLK
MCLK
IOVDD
C22
47uF
C21 47uF
MK1
MD9745APZ-F
EXT MIC IN
MICROPHONE
6487968
C20
10uF
IOVDD
SW1
ESW_EG4208
C9
0.1uF
C11
0.1uF
C10
0.1uF
1
2
J10
LEFT OUT
1
2
J11
RIGHT OUT
PLUS
MINUS
PLUS
MINUS
TP15
RESET
TP10
DIN
TP11
WCLK
TP9
DOUT
TP12
BCLK
TP13
MCLK
TP8
IN2R
TP20
HPLOUT
TP19
HPROUT
TP26
HPRCOM
TP23
RIGHT+
TP22
LEFT-
TP24
RIGHT-
TP27
LEFT+
TP16
SCL
TP17
SDA
TP21
DRVSS
TP25
HPLCOM
R3
2.7K
HEADSET OUTPUT
C17
NI
R7
0
C15
NI
SDA
C12
0.1uF
C4
10uF
C3
10uF
1
2
JMP8
1
2
JMP7
1
2
JMP5
JMP6
SCL
R9
100K
RESET
AVDD_DAC
DRVDD
IN2L
IN2R
TP28
IN1RP
TP29
IN1RM
R8
0
C19
0.1uF
R6
2.2K
TP7
IN2L
C16
NI
J9
SJ1-3515-SMT
PLUS
MINUS
PLUS
MINUS
1
2
JMP12
HPCOM
IN2L
IN2R
HPLOUT
HPROUT
HPLCOM
HPRCOM
JMP4
JMP3
C15, C16, and C17
are not installed, but
can be used to filter
noise.
C27
0.1uF
C28
0.1uF
MICBIAS
IN1RP
IN1RM
LEFT_LOM
RIGHT_LOM
LEFT_LOP
RIGHT_LOP
IN2L
IN2R
1
2
3
J13
HPR OUT
1
2
3
J12
HPL OUT
C23
47uF
C24
47uF
C25
47uF
C26
47uF
1
2
JMP11
HPLOUT
1
2
JMP13
HPLCOM
1
2
JMP14
HPROUT
1
2
JMP15
HPRCOM
1
2
3
J7
IN2
IN1L
IN1R
TP3
IN1LP
TP4
IN1LM
C7
0.1uF
C8
0.1uF
IN1LP
IN1LM
1
2
3
J6
IN1L
1
2
3
J14
IN1R
IN1LP
10
IN1LM
11
IN2L
14
IN1RP
12
IN1RM
13
MICBIAS
15
HPLOUT
19
HPLCOM
20
HPROUT
23
HPRCOM
22
LEFT_LOP
27
LEFT_LOM
28
RIGHT_LOP
29
RIGHT_LOM
30
IN2R
16
U3
TLV320AIC3104IRHB
TP30
FLP
TP31
FLC
TP32
FRP
TP33
FRC
C29
47nF
C30
47nF
C32
47nF
C31
47nF
R10
100
R11
100
R12
100
R13
100
C33
47nF
C34
47nF
C35
47nF
C36
47nF
R14
100
R15
100
R16
100
R17
100


Similar Part No. - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-L-D TI1-TSW-102-07-L-D Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
   License - VLC-PDK-MWX-P
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
   VLC-PDK-CIT-USB
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
   License - VLC-OEM-PDK-MWX-USB
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-P
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
   License - VLC-PDK-CIT-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
   License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-MWX-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-USB
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com