Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650250QRHBRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250QRHBRQ1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650250QRHBRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS650250QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 9Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 10Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 11Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 12Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 13Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
24
23
22
21
20
19
18
17
910111213141516
3231302928272625
VDCDC3
PGND3
L3
VINDCDC3
VINDCDC1
L1
PGND1
VDCDC1
EN_Vdd_alive
MODE
DEFDCDC2
PWRFAIL
EN_DCDC1
EN_DCDC2
EN_DCDC3
EN_LDO
1
2
3
4
5
6
7
8
TPS650250
TPS650250-Q1
SLVSAA7 – MARCH 2010
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SWITCHING REGULATOR SECTION
AGND1
31
Analog ground connection. All analog ground pins are connected internally on the chip.
AGND2
13
Analog ground connection. All analog ground pins are connected internally on the chip.
PowerPad
Connect the power pad to analog ground.
I
Input voltage for VDCDC1 step-down converter. This must be connected to the same voltage supply as
VINDCDC1
5
VINDCDC2, VINDCDC3 and VCC.
L1
6
Switch pin of VDCDC1 converter. The VDCDC1 inductor is connected here.
VDCDC1
8
I
VDCDC1 feedback voltage sense input, connect directly to VDCDC1
PGND1
7
Power ground for VDCDC1 converter
I
Input voltage for VDCDC2 step-down converter. This must be connected to the same voltage supply as
VINDCDC2
28
VINDCDC1, VINDCDC3 and VCC.
L2
27
Switch pin of VDCDC2 converter. The VDCDC2 inductor is connected here.
VDCDC2
25
I
VDCDC2 feedback voltage sense input, connect directly to VDCDC2
PGND2
26
Power ground for VDCDC2 converter
I
Input voltage for VDCDC3 step-down converter. This must be connected to the same voltage supply as
VINDCDC3
4
VINDCDC1, VINDCDC2 and VCC.
L3
3
Switch pin of VDCDC3 converter. The VDCDC3 inductor is connected here.
VDCDC3
1
I
VDCDC3 feedback voltage sense input, connect directly to VDCDC3
PGND3
2
Power ground for VDCDC3 converter
Power supply for digital and analog circuitry of DCDC1, DCDC2 and DCDC3 DC-DC converters. This must be
Vcc
29
I
connected to the same voltage supply as VINDCDC3, VINDCDC1 and VINDCDC2.
Input signal indicating default VDCDC1 voltage, 0 = 2.8V, 1 = 3.3V
DEFDCDC1
9
I
This pin can also be connected to a resistor divider between VDCDC1 and GND. In this case the output
voltage of the DCDC1 converter can be set in a range from 0.6V to VINDCDC1
Input signal indicating default VDCDC2 voltage, 0 = 1.8V, 1 = 2.5V
DEFDCDC2
22
I
This pin can also be connected to a resistor divider between VDCDC2 and GND. In this case the output
voltage of the DCDC2 converter can be set in a range from 0.6V to VINDCDC2.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS650250-Q1


Similar Part No. - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBR TI-TPS650250RHBR Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBT TI-TPS650250RHBT Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com