Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650250QRHBRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250QRHBRQ1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650250QRHBRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650250QRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 9Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 10Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 11Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TPS650250-Q1
SLVSAA7 – MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6V, TJ = –40°C to 125°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC3 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC3
2.5
6.0
V
IO
Maximum output current
VO = 1.6V
800
mA
Shutdown supply current in
ISD
EN_DCDC3 = GND
0.1
1
mA
VINDCDC3
RDS(on)
P-channel MOSFET on-resistance
VINDCDC3 = VGS = 3.6V
310
698
m
ILP
P-channel leakage current
VINDCDC3 = 6V
0.1
2
mA
RDS(on)
N-channel MOSFET on-resistance
VINDCDC3 = VGS = 3.6V
220
503
m
ILN
N-channel leakage current
VDS = 6.0V
7
10
mA
Forward current limit (P- and
ILIMF
2.5V < VINDCDC3 < 6V
1.00
1.20
1.40
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Adjustable output voltage with
VINDCDC3 = VDCDC3 + 0.5V (min 2.5V) to 6V;
resistor divider at DEFDCDC2
0mA
≤ IO ≤ 0.8A
–2%
2%
MODE = 0 (PWM)
VDCDC3
Adjustable output voltage with
VINDCDC3 = VDCDC3 + 0.5V (min 2.5V) to 6V;
resistor divider at DEFDCDC2;
0mA
≤ IO ≤ 0.8A
–1%
1%
MODE = 1 (PWM)
VINDCDC3 = VDCDC3 + 0.3V (min. 2.5 V) to
Line regulation
0.0
%/V
6V; IO = 10mA
Load regulation
IO = 10mA to 600mA
0.25
%/A
VDCDC3 ramping from 5% to 95% of target
tSS
Soft start ramp time
750
ms
value
R(L3)
Internal resistance from L3 to GND
1
M
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS650250-Q1


Similar Part No. - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBR TI-TPS650250RHBR Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBT TI-TPS650250RHBT Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com