Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650250QRHBRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250QRHBRQ1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650250QRHBRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS650250QRHBRQ1 Datasheet HTML 1Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 2Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 3Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS650250-Q1
www.ti.com
SLVSAA7 – MARCH 2010
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range on all pins except A/PGND pins with respect to AGND
–0.3 to 7
V
Voltage range on pins VLDO1, VLDO2, FB_LDO1, FB_LDO2
–0.3 to 3.6
V
Current at VINDCDC1, L1, PGND1, VINDCDC2, L2, PGND2, VINDCDC3, L3, PGND3
2000
mA
Peak current at all other pins
500
mA
Continuous total power dissipation
See Dissipation Ratings
TJ
Operating junction temperature
–40 to 125
°C
Tst
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 105°C
PACKAGE(1)
RqJA
POWER RATING
ABOVE TA = 25°C
POWER RATING POWER RATING POWER RATING
RHB
35°C/W
2.85W
28mW/°C
1.57W
1.14W
0.61W
(1)
The thermal resistance junction to ambient of the RHB package is measured on a high K board. The thermal resistance junction to
power pad is 1.5°C/W.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS650250-Q1


Similar Part No. - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBR TI-TPS650250RHBR Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBT TI-TPS650250RHBT Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com