Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650250QRHBRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250QRHBRQ1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650250QRHBRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS650250QRHBRQ1 Datasheet HTML 1Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 2Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 3Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650250QRHBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
EN_DCDC1
ENABLE
VCC
VLDO1
200 mA LDO
VLDO1
VLDO2
VINDCDC1
VLDO2
200 mA LDO
VIN_LDO
ENABLE
VIN
MODE
1 mF
1R
10 mF
TPS650250
EN_LDO
Vbat
PWRFAIL
AGND1
I/Ovoltage
R19
L1
DEFDCDC1
VDCDC1
PGND1
DCDC1 (I/O)
STEP-DOWN
CONVERTER
1600 mA
R1
R2
EN_DCDC2
VINDCDC2
L2
DEFDCDC2
VDCDC2
PGND2
DCDC2
(memory)
STEP-DOWN
CONVERTER
800 mA
R3
R4
EN_DCDC3
VINDCDC3
L3
DEFDCDC3
VDCDC3
PGND3
DCDC3 (core)
STEP-DOWN
CONVERTER
800 mA
R7
R8
Vbat
Vbat
Vbat
Vdd_alive
VLDO3
30 mA LDO
2.2 mF
1 V
3.3 V / 2.8 V
oradjustable
2.5 V / 1.8 V
oradjustable
VCC
PWRFAIL_SNS
Vbat
Vref=1V
+
-
R11
R12
AGND2
PWM/ PFM
EN_Vdd_alive
ENABLE
R9
R10
R5
R6
10 mF
ENABLE
10 mF
ENABLE
2.2 mF
2.2 mF
22 mF
2.2 mH
22 mF
2.2 mH
22 mF
2.2 mH
FB_LDO1
FB_LDO2
TPS650250-Q1
SLVSAA7 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Functional Block Diagram
ORDERING INFORMATION(1)
VOLTAGE AT
OUTPUT CURRENT ON
VOLTAGE AT
ORDERABLE PART
TOP-SIDE
TJ
PACKAGE
DCDC3
DCDC1 / DCDC2 / DCDC3
VDD_ALIVE
NUMBER(2)
MARKING
32-Pin QFN
–40°C to 125°C
Adjustable
1.6A / 0.8A / 0.8A
1V
TPS650250QRHBRQ1
TPS650250Q
(RHB)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS650250-Q1


Similar Part No. - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS650250RHBR TI-TPS650250RHBR Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS650250RHBT TI-TPS650250RHBT Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS650250QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com