Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRB455E Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # CRB455E
Description  Ceramic Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

CRB455E Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  CRB455E Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd CRB455E Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
6. Dimensions (mm)
Mark: CRB455E
W=7.0mm
T=3.0mm
H=7.3mm
S=5.0mm
L=7.0mm
7. Test circuit
X1: CRB455E
VDD=5.0V
IC:1/6TC4069UBP×2
C1=C2=100PF
CRB455E
Ceramic Resonator


Similar Part No. - CRB455E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRB456F ETC-CRB456F Datasheet
182Kb / 1P
   Special-sie oscillator series
CRB456F14 ETC-CRB456F14 Datasheet
182Kb / 1P
   Special-sie oscillator series
CRB456F15 ETC-CRB456F15 Datasheet
182Kb / 1P
   Special-sie oscillator series
CRB456F16 ETC-CRB456F16 Datasheet
182Kb / 1P
   Special-sie oscillator series
logo
Shenzhen Luguang Electr...
CRB456F16 LUGUANG-CRB456F16 Datasheet
253Kb / 3P
   Ceramics Resonator
More results

Similar Description - CRB455E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com