Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4313-DAPB-HB Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 4313-DAPB-HB
Description  Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4313-DAPB-HB Datasheet(HTML) 1 Page - Silicon Laboratories

  4313-DAPB-HB Datasheet HTML 1Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 2Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 3Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 4Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 5Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 6Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 7Page - Silicon Laboratories 4313-DAPB-HB Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.1 4/11
Copyright © 2011 by Silicon Laboratories
Si4010-Keyfob-DEMO
Si4010-Keyfob-DEMO
Si4010 S IMPLIFIED K EY F OB D EMO K IT U SER S G UIDE
1. Purpose
Thank you for your interest in Silicon Laboratories Si4010 simplified key fob demo. The Silicon Laboratories Si4010
simplified key fob demo kit contains everything you need to familiarize yourself with and evaluate the Si4010 RF
SoC. The kit has two versions: one for the 434 MHz band and one for the 868 MHz band. The key features of the
development platform are as follows:
The key fob demo board has five push buttons and one LED output.
The receiver demo board has four LEDs to display received key fob commands.
The provided software pack contains all the documentation and files needed to develop a user application. The
kit supports the use of the Silicon Laboratories Integrated Development Environment (IDE) for software
debugging and the use of the Keil C compiler, assembler, and linker toolchain.
Contains demo applications using API functions and the key fob demo application.
2. Kit Content
Table 1. Kits Content
Qty
Part Number
Description
4010-DASKF_434
Si4010 Simplified Key Fob Demo Kit 434 MHz
1
4010-DAPB_434
Si4010 Universal Key Fob 434 MHz
1
4313-DAPB_LB
Si4313 LED receiver board low band with pcb antenna
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
2
CRD2032
CR2032 3 V coin battery
1
MSC-DKSW1
Wireless Development Suite disc
4010-DASKF_868
Si4010 Simplified Key Fob Demo Kit 868 MHz
1
4010-DAPB_868
Si4010 Universal Key Fob 868MHz
1
4313-DAPB_HB
Si4313 LED receiver board high band with pcb antenna
1
MSC-PLPB_2
Key Fob Plastic Case (translucent red)
2
CRD2032
CR2032 3 V coin battery
1
MSC-DKSW1
Wireless Development Suite disc


Similar Part No. - 4313-DAPB-HB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4313-DACB-ANY SILABS-4313-DACB-ANY Datasheet
252Kb / 14P
   Si4010 KEY FOB DEMO KIT WITH AES CAPABILITY
More results

Similar Description - 4313-DAPB-HB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
4010-DAAKF-434 SILABS-4010-DAAKF-434 Datasheet
252Kb / 14P
   Si4010 KEY FOB DEMO KIT WITH AES CAPABILITY
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Silicon Laboratories
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com