Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65023-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023-Q1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65023-Q1 Datasheet HTML 5Page - Texas Instruments TPS65023-Q1 Datasheet HTML 6Page - Texas Instruments TPS65023-Q1 Datasheet HTML 7Page - Texas Instruments TPS65023-Q1 Datasheet HTML 8Page - Texas Instruments TPS65023-Q1 Datasheet HTML 9Page - Texas Instruments TPS65023-Q1 Datasheet HTML 10Page - Texas Instruments TPS65023-Q1 Datasheet HTML 11Page - Texas Instruments TPS65023-Q1 Datasheet HTML 12Page - Texas Instruments TPS65023-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TPS65023-Q1
www.ti.com
SLVS927D
– MARCH 2009 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 125°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC3 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC3
2.5
6
V
DEFDCDC3 = GND
1000
IO
Maximum output current
mA
VINDCDC3 = 3.6 V,
525
3.3 V - 1%
≤ VDCDC3 ≤ 3.3 V + 1%
I(SD)
Shutdown supply current in VINDCDC3
DCDC3_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
310
698
m
Ilkg
P-channel leakage current
VINDCDC3 = 6 V
0.1
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
220
503
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
Forward current limit (P-channel and
2.5 V
< VINDCDC3 < 6 V
1.28
1.49
1.69
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
VINDCDC3 = 2.5 V to 6 V,
VDCDC3 = 1.8 V
–2
2
0 mA
≤ IO ≤ 1 A
Fixed output voltage
%
FPWMDCDC3=0
VINDCDC3 = 3.6 V to 6 V,
VDCDC3 = 3.3 V
–1
1
0 mA
≤ IO ≤ 1 A
VINDCDC3 = 2.5 V to 6 V,
VDCDC3 = 1.8 V
–2
2
0 mA
≤ IO ≤ 1 A
Fixed output voltage
%
FPWMDCDC3=1
VINDCDC3 = 3.6 V to 6 V,
VDCDC3 = 3.3 V
–1
1
0 mA
≤ IO ≤ 1 A
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 + 0.5 V (min 2.5 V)
–2%
2%
divider at DEFDCDC3 FPWMDCDC3=0
to 6 V, 0 mA
≤ IO ≤ 800 mA
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 + 0.5 V (min 2.5 V)
–1%
1%
divider at DEFDCDC3, FPWMDCDC3=1
to 6 V, 0 mA
≤ IO ≤ 800 mA
VINDCDC3 = VDCDC3 + 0.3 V (min. 2.5 V)
Line Regulation
0
%/V
to 6 V, IO = 10 mA
Load Regulation
IO = 10 mA to 1000 mA
0.25
%/A
VDCDC3 ramping from 5% to 95% of target
Soft start ramp time
750
μs
value
Internal resistance from L3 to GND
1
M
VDCDC3 discharge resistance
DCDC3 discharge =1
300
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65023-Q1


Similar Part No. - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com