Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65023-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023-Q1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65023-Q1 Datasheet HTML 3Page - Texas Instruments TPS65023-Q1 Datasheet HTML 4Page - Texas Instruments TPS65023-Q1 Datasheet HTML 5Page - Texas Instruments TPS65023-Q1 Datasheet HTML 6Page - Texas Instruments TPS65023-Q1 Datasheet HTML 7Page - Texas Instruments TPS65023-Q1 Datasheet HTML 8Page - Texas Instruments TPS65023-Q1 Datasheet HTML 9Page - Texas Instruments TPS65023-Q1 Datasheet HTML 10Page - Texas Instruments TPS65023-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
TPS65023-Q1
www.ti.com
SLVS927D
– MARCH 2009 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 125°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC1 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC1
2.5
6
V
IO
Maximum output current
1500
mA
I(SD)
Shutdown supply current in VINDCDC1
DCDC1_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC1 = V(GS) = 3.6 V
125
261
m
Ilkg
P-channel leakage current
VINDCDC1 = 6 V
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC1 = V(GS) = 3.6 V
130
260
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
Forward current limit
2.5 V
< VI(MAIN) < 6 V
1.9
2.19
2.6
A
(P-channel and N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Fixed output voltage
VINDCDC1 = 2.5 V to 6 V,
–2
2
FPWMDCDC1=0
0 mA
≤ IO ≤ 1.5 A
All VDCDC1
%
Fixed output voltage
VINDCDC1 = 2.5 V to 6 V,
–1
1
FPWMDCDC1=1
0 mA
≤ IO ≤ 1.5 A
Adjustable output voltage with resistor
VINDCDC1 = VDCDC1 + 0.3 V (min 2.5 V)
–2
2
%
divider at DEFDCDC1, FPWMDCDC1=0
to 6 V, 0 mA
≤ IO ≤ 1.2 A
Adjustable output voltage with resistor
VINDCDC1 = VDCDC1 + 0.3 V (min 2.5 V)
–1
1
%
divider at DEFDCDC1, FPWMDCDC1=1
to 6 V, 0 mA
≤ IO ≤ 1.2 A
VINDCDC1 = VDCDC1 + 0.3 V (min. 2.5 V)
Line Regulation
0
%/V
to 6 V, IO = 10 mA
Load Regulation
IO = 10 mA to 1200 mA
0.25
%/A
VDCDC1 ramping from 5% to 95% of target
Soft start ramp time
750
μs
value
Internal resistance from L1 to GND
1
M
VDCDC1 discharge resistance
DCDC1 discharge = 1
300
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65023-Q1


Similar Part No. - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com