Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65023-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023-Q1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65023-Q1 Datasheet HTML 1Page - Texas Instruments TPS65023-Q1 Datasheet HTML 2Page - Texas Instruments TPS65023-Q1 Datasheet HTML 3Page - Texas Instruments TPS65023-Q1 Datasheet HTML 4Page - Texas Instruments TPS65023-Q1 Datasheet HTML 5Page - Texas Instruments TPS65023-Q1 Datasheet HTML 6Page - Texas Instruments TPS65023-Q1 Datasheet HTML 7Page - Texas Instruments TPS65023-Q1 Datasheet HTML 8Page - Texas Instruments TPS65023-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
TPS65023-Q1
www.ti.com
SLVS927D
– MARCH 2009 – REVISED SEPTEMBER 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range step-down converters
VCC
2.5
6
V
(VINDCDC1, VINDCDC2, VINDCDC3)
Output voltage range for VDCDC1 step-down converter(1)
0.6
VINDCDC1
VO
Output voltage range for VDCDC2 step-down converter(1)
0.6
VINDCDC2
V
Output voltage range for VDCDC3 step-down converter(1)
0.6
VINDCDC3
VI
Input voltage range for LDOs (VINLDO1, VINLDO2)
1.5
6.5
V
VO
Output voltage range for LDOs (VLDO1, VLDO2)
1
VINLDO1-2
V
IO(DCDC1)
Output current at L1
1500
mA
Inductor at L1(2)
1.5
2.2
μH
CI(DCDC1)
Input capacitor at VINDCDC1 (2)
10
μF
CO(DCDC1)
Output capacitor at VDCDC1 (2)
10
22
μF
IO(DCDC2)
Output current at L2
1200
mA
Inductor at L2 (2)
1.5
2.2
μH
CI(DCDC2)
Input capacitor at VINDCDC2 (2)
10
μF
CO(DCDC2)
Output capacitor at VDCDC2 (2)
10
22
μF
IO(DCDC3)
Output current at L3
1000
mA
Inductor at L3 (2)
1.5
2.2
μH
CI(DCDC3)
Input capacitor at VINDCDC3(2)
10
μF
CO(DCDC3)
Output capacitor at VDCDC3 (2)
10
22
μF
CI(VCC)
Input capacitor at VCC (2)
1
μF
Ci(VINLDO)
Input capacitor at VINLDO (2)
1
μF
CO(VLDO1-2)
Output capacitor at VLDO1, VLDO2 (2)
2.2
μF
IO(VLDO1-2)
Output current at VLDO1, VLDO2
200
mA
CO(VRTC)
Output capacitor at VRTC (2)
4.7
μF
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
125
°C
Resistor from VINDCDC3, VINDCDC2, VINDCDC1 to VCC used for filtering(3)
1
10
(1)
When using an external resistor divider at DEFDCDC3, DEFDCDC2, DEFDCDC1
(2)
See Applications Information section for more information.
(3)
Up to 3 mA can flow into VCC when all three converters are running in PWM. This resistor causes the UVLO threshold to be shifted
accordingly.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65023-Q1


Similar Part No. - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
Power Management IC for Li-Ion Powered Systems
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com