Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222DCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61222DCKT
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222DCKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61222DCKT Datasheet HTML 1Page - Texas Instruments TPS61222DCKT Datasheet HTML 2Page - Texas Instruments TPS61222DCKT Datasheet HTML 3Page - Texas Instruments TPS61222DCKT Datasheet HTML 4Page - Texas Instruments TPS61222DCKT Datasheet HTML 5Page - Texas Instruments TPS61222DCKT Datasheet HTML 6Page - Texas Instruments TPS61222DCKT Datasheet HTML 7Page - Texas Instruments TPS61222DCKT Datasheet HTML 8Page - Texas Instruments TPS61222DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
L
C
1
10 µF
L
1
4.7 µH
VIN
VOUT
FB
C
2
10µ F
EN
GND
TPS61220
VOUT
1.8Vto5.5V
R
1
R
2
0.7VtoVOUT
VIN
0.01
0.1
1
10
100
2.8
2.3
1.8
1.3
0.8
OUT
I
-OutputCurrent-mA
90%
80%
70%
OUT
(V
=3.3V)
EfficiencyvsOutputCurrentandInputVoltage
TPS61220
TPS61221
TPS61222
www.ti.com ............................................................................................................................................................................................... SLVS776 – JANUARY 2009
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
• Adjustable Output Voltage from 1.8 V to 5.5 V
• Up to 95% Efficiency at Typical Operating
• Fixed Output Voltage Versions
Conditions
• Small 6-pin SC-70 Package
• 5.5 µA Quiescent Current
• Startup Into Load at 0.7 V Input Voltage
• Battery Powered Applications
• Operating Input Voltage from 0.7 V to 5.5 V
1 to 3 Cell Alkaline, NiCd or NiMH
• Pass-Through Function during Shutdown
1 cell Li-Ion or Li-Primary
• Minimum Switching Current 200 mA
• Solar or Fuel Cell Powered Applications
• Protections:
• Consumer and Portable Medical Products
Output Overvoltage
• Personal Care Products
Overtemperature
• White or Status LEDs
Input Undervoltage Lockout
• Smartphones
The TPS6122x family devices provide a power-supply solution for products powered by either a single-cell,
two-cell, or three-cell alkaline, NiCd or NiMH, or one-cell Li-Ion or Li-polymer battery. Possible output currents
depend on the input-to-output voltage ratio. The boost converter is based on a hysteretic controller topology
using synchronous rectification to obtain maximum efficiency at minimal quiescent currents. The output voltage of
the adjustable version can be programmed by an external resistor divider, or is set internally to a fixed output
voltage. The converter can be switched off by a featured enable pin. While being switched off, battery drain is
minimized. The device is offered in a 6-pin SC-70 package (DCK) measuring 2 mm x 2 mm to enable small
circuit layout size.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61222DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI1-TPS61222-EP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222MDCKTEP TI1-TPS61222MDCKTEP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
[Old version datasheet]   Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
[Old version datasheet]   TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
[Old version datasheet]   TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com