Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222DCK Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61222DCK
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222DCK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61222DCK Datasheet HTML 4Page - Texas Instruments TPS61222DCK Datasheet HTML 5Page - Texas Instruments TPS61222DCK Datasheet HTML 6Page - Texas Instruments TPS61222DCK Datasheet HTML 7Page - Texas Instruments TPS61222DCK Datasheet HTML 8Page - Texas Instruments TPS61222DCK Datasheet HTML 9Page - Texas Instruments TPS61222DCK Datasheet HTML 10Page - Texas Instruments TPS61222DCK Datasheet HTML 11Page - Texas Instruments TPS61222DCK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
1.7
1.75
1.8
1.85
1.9
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V
=1.8V
O
3.1
3.2
3.3
3.4
3.5
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V =2.4V
I
V
=3.3V
O
4.8
4.9
5
5.1
5.2
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
V =0.7V
I
V =1.2V
I
V =2.4V
I
V
=5V
O
V =3.6V
I
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.7
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
5.2
V -InputVoltage-V
I
V
=0V
EN
R
=10k
LOAD
W
R
=1k
LOAD
W
I
coil
50mA/div
V
O
10mA/div
1
s/div
m
Offset:1.8V
Offset:0V
V =0.8V,V
=1.8V,I
=20mA
I
O
O
I
coil
50mA/div
V
10mV/div
O
Offset:0 A
Offset:3.31V
1
s/div
m
V =1.8V,V
=3.3V,I
=50mA
I
O
O
TPS61220
TPS61221
TPS61222
SLVS776 – JANUARY 2009 ............................................................................................................................................................................................... www.ti.com
OUTPUT VOLTAGE vs
OUTPUT VOLTAGE vs
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61220)
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61221)
Figure 9.
Figure 10.
OUTPUT VOLTAGE vs
OUTPUT VOLTAGE vs
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61222)
INPUT VOLTAGE, DEVICE DISABLED (TPS61220)
Figure 11.
Figure 12.
OUTPUT VOLTAGE RIPPLE (TPS61220)
OUTPUT VOLTAGE RIPPLE (TPS61221)
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61222DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI1-TPS61222-EP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222MDCKTEP TI1-TPS61222MDCKTEP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
[Old version datasheet]   Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
[Old version datasheet]   TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
[Old version datasheet]   TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com