Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260-Q1
Description  3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54260-Q1 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1 Datasheet HTML 9Page - Texas Instruments TPS54260-Q1 Datasheet HTML 10Page - Texas Instruments TPS54260-Q1 Datasheet HTML 11Page - Texas Instruments TPS54260-Q1 Datasheet HTML 12Page - Texas Instruments TPS54260-Q1 Datasheet HTML 13Page - Texas Instruments TPS54260-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
200
275
350
425
575
-50
0
50
100
150
T -JunctionTemperature-°C
J
V =12V
I
500
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
-V
SENSE
V =12V,
T =25°C
I
J
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
0.5
1
1.5
2
0
10
20
30
40
V -InputVoltage-V
I
T =25°C
J
70
110
130
150
170
210
-50
0
50
100
150
T -JunctionTemperature-°C
J
V =12V,
V
=0.83V
I
I(VSENSE)
90
190
110
130
150
170
0
20
40
V -InputVoltage-V
I
T =25 C,
V
=0.83V
J
I(VSENSE)
o
TPS54260-Q1
SLVSAH8A
– DECEMBER 2010 – REVISED APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SS/TR DISCHARGE CURRENT vs JUNCTION
TEMPERATURE
SWITCHING FREQUENCY vs VSENSE
Figure 13.
Figure 14.
SHUTDOWN SUPPLY CURRENT vs JUNCTION
TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE (Vin)
Figure 15.
Figure 16.
VIN SUPPLY CURRENT vs JUNCTION TEMPERATURE
VIN SUPPLY CURRENT vs INPUT VOLTAGE
Figure 17.
Figure 18.
10
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com