Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260-Q1
Description  3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54260-Q1 Datasheet HTML 1Page - Texas Instruments TPS54260-Q1 Datasheet HTML 2Page - Texas Instruments TPS54260-Q1 Datasheet HTML 3Page - Texas Instruments TPS54260-Q1 Datasheet HTML 4Page - Texas Instruments TPS54260-Q1 Datasheet HTML 5Page - Texas Instruments TPS54260-Q1 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
0
10
20
30
40
50
60
70
80
100
0
0.5
1.0
1.5
2.0
I - Output Current - A
O
2.5
3.0
90
VIN=12V
VOUT=3.3V
fsw=300kHz
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54260-Q1
EN
RT /CLK
SS /TR
PWRGD
TPS54260-Q1
www.ti.com
SLVSAH8A
– DECEMBER 2010 – REVISED APRIL 2011
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
Check for Samples: TPS54260-Q1
1
FEATURES
0.8-V Internal Voltage Reference
MSOP10 Package With PowerPAD
2
Qualified for Automotive Applications
Supported by SwitcherPro
™ Software Tool
3.5 V to 60 V Input Voltage Range
(http://focus.ti.com/docs/toolsw/folders/print/s
200-m
Ω High-Side MOSFET
witcherpro.html)
High Efficiency at Light Loads with a Pulse
For SWIFT
™ Documentation, See the TI
Skipping Eco-Mode
Website at http://www.ti.com/swift
138
μA Operating Quiescent Current
1.3
μA Shutdown Current
APPLICATIONS
100kHz to 2.5MHz Switching Frequency
12-V and 24-V Industrial and Commercial Low
Synchronizes to External Clock
Power Systems
Adjustable Slow Start/Sequencing
GSM, GPRS Modules in Fleet Management,
UV and OV Power Good Output
E-Meters, and Security Systems
Adjustable UVLO Voltage and Hysteresis
DESCRIPTION
The TPS54260-Q1 device is a 60 V, 2.5 A, step down regulator with an integrated high side MOSFET. Current
mode control provides simple external compensation and flexible component selection. A low ripple pulse skip
mode reduces the no load, regulated output supply current to 138
μA. Using the enable pin, shutdown supply
current is reduced to 1.3
μA, when the enable pin is low.
Under voltage lockout is internally set at 2.5V, but can be increased using the enable pin. The output voltage
startup ramp is controlled by the slow start pin that can also be configured for sequencing/tracking. An open
drain power good signal indicates the output is within 94% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized. Frequency fold
back and thermal shutdown protects the part during an overload condition.
The TPS54260-Q1 is available in 10-pin thermally enhanced MSOP Power Pad
™ package.
SIMPLIFIED SCHEMATIC
EFFICIENCY vs LOAD CURRENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-Mode, PowerPAD, SwitcherPro, SWIFT are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com