Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260-Q1
Description  3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54260-Q1 Datasheet HTML 1Page - Texas Instruments TPS54260-Q1 Datasheet HTML 2Page - Texas Instruments TPS54260-Q1 Datasheet HTML 3Page - Texas Instruments TPS54260-Q1 Datasheet HTML 4Page - Texas Instruments TPS54260-Q1 Datasheet HTML 5Page - Texas Instruments TPS54260-Q1 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TPS54260-Q1
www.ti.com
SLVSAH8A
– DECEMBER 2010 – REVISED APRIL 2011
ELECTRICAL CHARACTERISTICS (continued)
TJ = -40 to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching Frequency Range using
100
2500
kHz
RT mode
fSW
Switching frequency
RT = 200 kΩ
450
581
720
kHz
Switching Frequency Range using
300
2200
kHz
CLK mode
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising
Measured at 500 kHz with RT resistor in series
60
ns
edge delay
PLL lock in time
Measured at 500 kHz
100
μs
SLOW START AND TRACKING (SS/TR)
Charge current
VSS/TR = 0.4 V
2
μA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1.15
V
SS/TR discharge current (overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
382
μA
SS/TR discharge voltage
VSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
VSENSE falling
92%
VSENSE rising
94%
VVSENSE
VSENSE threshold
VSENSE rising
109%
VSENSE falling
107%
Hysteresis
VSENSE falling
2%
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V, 25
°C
10
nA
On resistance
I(PWRGD) = 3 mA, VSENSE
< 0.79 V
50
Minimum VIN for defined output
V(PWRGD)
< 0.5 V, II(PWRGD) = 100 μA
0.95
1.5
V
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com