Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260-Q1
Description  3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54260-Q1 Datasheet HTML 1Page - Texas Instruments TPS54260-Q1 Datasheet HTML 2Page - Texas Instruments TPS54260-Q1 Datasheet HTML 3Page - Texas Instruments TPS54260-Q1 Datasheet HTML 4Page - Texas Instruments TPS54260-Q1 Datasheet HTML 5Page - Texas Instruments TPS54260-Q1 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TPS54260-Q1
SLVSAH8A
– DECEMBER 2010 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE
PART NUMBER(2)
TOP-SIDE MARKING
–40°C to 125°C
10 Pin MSOP
Reel of 2500
TPS54260QDGQRQ1
5426Q
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DGQ package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54260-Q1DGQR).
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating temperature range (unless otherwise noted).
VALUE
VIN
–0.3 V to 65 V
EN(2)
–0.3 V to 5 V
BOOT
55 V
VSENSE
–0.3 V to 3 V
Input voltage
COMP
–0.3 V to 3 V
PWRGD
–0.3 V to 6 V
SS/TR
–0.3 V to 3 V
RT/CLK
–0.3 V to 3.6 V
BOOT-PH
8 V
–0.6 V to 65 V
Output voltage
200 ns
–1 V to 65 V
PH
30 ns
–2 V to 65 V
Maximum dc voltage, T j= -40°C
-0.85V
Voltage difference
PAD to GND
±200 mV
EN
100
μA
BOOT
100 mA
Source current
VSENSE
10
μA
PH
Current Limit
RT/CLK
100
μA
VIN
Current Limit
COMP
100
μA
Sink current
PWRGD
10 mA
SS/TR
200
μA
Electrostatic discharge (HBM) QSS 009-105 (JESD22-A114A)
2 kV
Electrostatic discharge (CDM) QSS 009-147 (JESD22-C101B.01)
1000 V
Operating junction temperature
-40
°C to 150°C
Storage temperature
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the Enable and Adjusting Undervoltage Lockout section of this datasheet for details.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature
–40
125
°C
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS54260-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com