Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2906B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906B
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906B Datasheet(HTML) 1 Page - Texas Instruments

  PCM2906B Datasheet HTML 1Page - Texas Instruments PCM2906B Datasheet HTML 2Page - Texas Instruments PCM2906B Datasheet HTML 3Page - Texas Instruments PCM2906B Datasheet HTML 4Page - Texas Instruments PCM2906B Datasheet HTML 5Page - Texas Instruments PCM2906B Datasheet HTML 6Page - Texas Instruments PCM2906B Datasheet HTML 7Page - Texas Instruments PCM2906B Datasheet HTML 8Page - Texas Instruments PCM2906B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Burr-BrownAudio
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2906B
www.ti.com ........................................................................................................................................................................................... SLES227 – DECEMBER 2008
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG
INPUT/OUTPUT, AND S/PDIF
• Stereo DAC:
234
• On-Chip USB Interface:
Analog Performance at VBUS = 5 V:
With Full-Speed Transceivers
THD+N = 0.005%
Fully Compliant with USB 2.0 Specification
SNR = 96 dB
Certified by USB-IF
Dynamic Range = 93 dB
Partially Programmable Descriptors (1)
Oversampling Digital Filter:
USB Adaptive Mode for Playback
Passband Ripple = ±0.1 dB
USB Asynchronous Mode for Record
Stop-Band Attenuation = –43 dB
Bus Powered
Single-Ended Voltage Output
• 16-Bit Delta-Sigma ADC and DAC
Analog LPF Included
• Sampling Rate:
• Multifunctions:
DAC: 32, 44.1, 48 kHz
Human Interface Device (HID) Function:
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
Volume and Mute Controls
• On-Chip Clock Generator with Single 12-MHz
Suspend Flag Function
Clock Source
• 28-Pin SSOP Package
• S/PDIF Input/Output
• Single Power Supply:
• USB Audio Speaker
5 V Typical (VBUS)
• USB Headset
• Stereo ADC:
• USB Monitor
Analog Performance at VBUS = 5 V:
• USB Audio Interface Box
THD+N = 0.01%
SNR = 89 dB
Dynamic Range = 89 dB
The PCM2906B is Texas Instruments' single-chip,
Decimation Digital Filter:
USB, stereo audio codec with a USB-compliant
full-speed protocol controller and S/PDIF. The USB
Passband Ripple = ±0.05 dB
protocol controller requires no software code, but the
Stop-Band Attenuation = –65 dB
USB descriptors can be modified in some areas (for
Single-Ended Voltage Input
example,
vendor
ID
and/or
product
ID).
The
PCM2906B
employs
SpAct™
architecture,
TI's
Antialiasing Filter Included
unique system that recovers the audio clock from
Digital HPF Included
USB packet data. On-chip analog PLLs with SpAct
enable playback and record with low clock jitter as
well as independent playback and record sampling
(1)
The descriptor can be modified by changing a mask.
rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - PCM2906B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906 BURR-BROWN-PCM2906 Datasheet
315Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906 TI1-PCM2906 Datasheet
484Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906CDB TI1-PCM2906CDB Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2906B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com