Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900C Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2900C Datasheet HTML 2Page - Texas Instruments PCM2900C Datasheet HTML 3Page - Texas Instruments PCM2900C Datasheet HTML 4Page - Texas Instruments PCM2900C Datasheet HTML 5Page - Texas Instruments PCM2900C Datasheet HTML 6Page - Texas Instruments PCM2900C Datasheet HTML 7Page - Texas Instruments PCM2900C Datasheet HTML 8Page - Texas Instruments PCM2900C Datasheet HTML 9Page - Texas Instruments PCM2900C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D
-
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V L
IN
V R
IN
V
COM
SSPND
TEST0
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
TEST1
V
DDI
AGNDP
V
R
OUT
PCM2900C
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
PCM2900C PIN ASSIGNMENTS
DB PACKAGE
SSOP-28
(TOP VIEW)
Table 1. PCM2900C TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGNDC
11
Analog ground for codec
AGNDP
18
Analog ground for PLL
AGNDX
22
Analog ground for oscillator
D
2
I/O
USB differential input/output minus
(1)
D+
1
I/O
USB differential input/output plus
(1)
DGND
26
Digital ground
DGNDU
4
Digital ground for USB transceiver
HID0
5
I
HID key state input (mute), active-high
(2)
HID1
6
I
HID key state input (volume up), active-high
(2)
HID2
7
I
HID key state input (volume down), active-high
(2)
SEL0
8
I
Must be set to high
(3)
SEL1
9
I
Must be set to high
(3)
SSPND
28
O
Suspend flag, active-low (low: suspend, high: operational)
TEST0
24
I
Test pin, must be connected to GND
TEST1
25
O
Test pin, must be left open
VBUS
3
Connect to USB power (VBUS)
VCCCI
10
Internal analog power supply for codec
(4)
VCCP1I
17
Internal analog power supply for PLL
(4)
VCCP2I
19
Internal analog power supply for PLL
(4)
VCCXI
23
Internal analog power supply for oscillator
(4)
VCOM
14
Common for ADC/DAC (VCCCI/2)
(4)
VDDI
27
Internal digital power supply
(4)
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input
(5)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level.
(2)
3.3-V CMOS-level input with internal pull-down. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no connection with the internal DAC or ADC directly. See the Interface #3 and End-Points sections.
(3)
TTL Schmitt trigger, 5-V tolerant.
(4)
Connect a decoupling capacitor to GND.
(5)
3.3-V, CMOS-level input.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDBR TI1-PCM2900CDBR Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results

Similar Description - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com