Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900C Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2900C Datasheet HTML 20Page - Texas Instruments PCM2900C Datasheet HTML 21Page - Texas Instruments PCM2900C Datasheet HTML 22Page - Texas Instruments PCM2900C Datasheet HTML 23Page - Texas Instruments PCM2900C Datasheet HTML 24Page - Texas Instruments PCM2900C Datasheet HTML 25Page - Texas Instruments PCM2900C Datasheet HTML 26Page - Texas Instruments PCM2900C Datasheet HTML 27Page - Texas Instruments PCM2900C Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
D+
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
PCM2900C
D-
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
SSPND
XTI
V
DDI
DGND
TEST1
TEST0
XTO
V
CCP2I
AGNDX
V
CCXI
D+
D-
C
1
11
12
13
14
AGNDC
V L
IN
V R
IN
V
COM
18
17
16
15
V
CCP1I
V
L
OUT
V
R
OUT
AGNDP
22 W
22 W
1.5 k
3
W ×
1.5 kW
GND
V
BUS
C
2
C
9
C
10
1 MW
12 MHz
C
5
C
6
C
3
C
8
C
11
C
12
LPF,
Amp
LPF,
Amp
C
7
C
4
3.6 V to
3.85 V
13 kW
27 kW
IN
1
OUT
2
GND
3
ADJ
4
EN
5
IC1
MUTE/
Power
Down
+
+
C
13
+
+
+
+
D
1
2.2 W
1 F
m
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
APPLICATION INFORMATION
PCM2900C TYPICAL CIRCUIT CONNECTION 1
Figure 36 illustrates a typical circuit connection for a high-performance application. The circuit illustrated is for
information only. The entire board design should be considered to meet the USB specification as a
USB-compliant product.
NOTE: C1, C2: 10 μF
C3, C4, C7, C8, C13: 1 μF (These capacitors must be less than 2 μF.)
C5, C6: 10 pF to 33 pF (depending on crystal resonator)
C9, C10, C11, C12: The capacitance may vary depending on design.
IC1: REG103xA-A (TI) or equivalent. Analog performance may vary depending on IC1.
D1: Schottky barrier diode (VF ≤ 350 mV at 10 mA, IR ≤ 2 μA at 4 V)
Figure 36. Bus-Powered Configuration for High-Performance Application
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDBR TI1-PCM2900CDBR Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results

Similar Description - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com