Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900C Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2900C Datasheet HTML 18Page - Texas Instruments PCM2900C Datasheet HTML 19Page - Texas Instruments PCM2900C Datasheet HTML 20Page - Texas Instruments PCM2900C Datasheet HTML 21Page - Texas Instruments PCM2900C Datasheet HTML 22Page - Texas Instruments PCM2900C Datasheet HTML 23Page - Texas Instruments PCM2900C Datasheet HTML 24Page - Texas Instruments PCM2900C Datasheet HTML 25Page - Texas Instruments PCM2900C Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
D+/D-
2.5 V (Typ)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
5 V (Typ)
SSPND
700 s
m
Device Setup
1 ms
V
(Pin 3)
BUS
V
L
V
R
OUT
OUT
First Audio Data
Second Audio Data
D+/D-
Audio Data
Audio Data
Last Audio Data
Detach
SOF
SOF
SOF
SOF
SOF
1 ms
V
(Pin 3)
BUS
V
L
V
R
OUT
OUT
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
INTERFACE SEQUENCE
Power On, Attach, and Playback Sequence
The PCM2900C/2902C is ready for setup when the reset sequence has finished and the USB bus is attached.
After connection has been established by setup, the PCM2900C/2902C is ready to accept USB audio data.
While waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ).
When receiving the audio data, the PCM2900C/2902C stores the first audio packet, which contains 1-ms audio
data, into the internal storage buffer. The PCM2900C/2902C starts to play the audio data when detecting the
next start of frame (SOF) packet, as illustrated in Figure 32.
Figure 32. Initial Sequence
Play, Stop, and Detach Sequence
When the host finishes or aborts playback, the PCM2900C/2902C stops playing after the last audio data have
played, as shown in Figure 33.
Figure 33. Play, Stop, and Detach Sequence
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDBR TI1-PCM2900CDBR Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results

Similar Description - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com