Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900C Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM2900C Datasheet HTML 16Page - Texas Instruments PCM2900C Datasheet HTML 17Page - Texas Instruments PCM2900C Datasheet HTML 18Page - Texas Instruments PCM2900C Datasheet HTML 19Page - Texas Instruments PCM2900C Datasheet HTML 20Page - Texas Instruments PCM2900C Datasheet HTML 21Page - Texas Instruments PCM2900C Datasheet HTML 22Page - Texas Instruments PCM2900C Datasheet HTML 23Page - Texas Instruments PCM2900C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
Interface #2
Interface #2 is the audio streaming data-in interface. Interface #2 has the 19 alternative settings listed in Table 7.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
Table 7. Interface #2 Alternative Settings
ALTERNATIVE
TRANSFER
SAMPLING RATE
SETTING
DATA FORMAT
MODE
(kHz)
00
Zero Bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Asynchronous
48
02
16-bit
Mono
Twos complement (PCM)
Asynchronous
48
03
16-bit
Stereo
Twos complement (PCM)
Asynchronous
44.1
04
16-bit
Mono
Twos complement (PCM)
Asynchronous
44.1
05
16-bit
Stereo
Twos complement (PCM)
Asynchronous
32
06
16-bit
Mono
Twos complement (PCM)
Asynchronous
32
07
16-bit
Stereo
Twos complement (PCM)
Asynchronous
22.05
08
16-bit
Mono
Twos complement (PCM)
Asynchronous
22.05
09
16-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0A
16-bit
Mono
Twos complement (PCM)
Asynchronous
16
0B
8-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0C
8-bit
Mono
Twos complement (PCM)
Asynchronous
16
0D
8-bit
Stereo
Twos complement (PCM)
Asynchronous
8
0E
8-bit
Mono
Twos complement (PCM)
Asynchronous
8
0F
16-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
10
16-bit
Mono
Twos complement (PCM)
Synchronous
11.025
11
8-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
12
8-bit
Mono
Twos complement (PCM)
Synchronous
11.025
Interface #3
Interface #3 is the interrupt data-in interface. Alternative setting #0 is the only possible setting for interface #3.
Interface #3 consists of the HID consumer control device and reports the status of three key parameters:
Mute (0xE209)
Volume up (0xE909)
Volume down (0xEA09)
End-Points
The PCM2900C/2902C has the following four end-points:
Control end-point (EP #0)
Isochronous-out audio data stream end-point (EP #2)
Isochronous-in audio data stream end-point (EP #4)
HID end-point (EP #5)
The control end-point is a default end-point. The control end-point is used to control all functions of the
PCM2900C/2902C by a standard USB request and an USB audio class-specific request from the host. The
isochronous-out audio data stream end-point is an audio sink end-point, which receives the PCM audio data. The
isochronous-out audio data stream end-point accepts the adaptive transfer mode. The isochronous-in audio data
stream end-point is an audio source end-point, which transmits the PCM audio data. The isochronous-in audio
data stream end-point uses asynchronous transfer mode. The HID end-point is an interrupt-in end-point. HID
end-point reports HID0, HID1, and HID2 pin status every 32 ms.
The human interface device (HID) pins are defined as consumer control devices. The HID function is designed
as an independent end-point from both isochronous-in and -out end-points. Therefore, the result obtained from
the HID operation depends on the host software. Typically, the HID function is used as the primary audio-out
device.
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900CDBR TI1-PCM2900CDBR Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results

Similar Description - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com