Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4364-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364-Q1
Description  1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4364-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4364-Q1 Datasheet HTML 1Page - Texas Instruments OPA4364-Q1 Datasheet HTML 2Page - Texas Instruments OPA4364-Q1 Datasheet HTML 3Page - Texas Instruments OPA4364-Q1 Datasheet HTML 4Page - Texas Instruments OPA4364-Q1 Datasheet HTML 5Page - Texas Instruments OPA4364-Q1 Datasheet HTML 6Page - Texas Instruments OPA4364-Q1 Datasheet HTML 7Page - Texas Instruments OPA4364-Q1 Datasheet HTML 8Page - Texas Instruments OPA4364-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
OPA2364-Q1, OPA4364-Q1
SGLS363A – JUNE 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS: V
S = 1.8 V to 5.5 V (continued)
Boldface limits apply over the specified temperature range, T
A = –40°C to 125°C, TA = 25°C, RL = 10 kΩ connected to VS/2,
and V
OUT = VS/2, VCM = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Range
Specified range
–40
125
°C
Storage range
–65
150
°C
SO-8
150
Thermal
θ
JA
°C/W
resistance
SO-14
100
4
Submit Documentation Feedback


Similar Part No. - OPA4364-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4364 TI-OPA4364 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364 TI-OPA4364 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA4364AID TI-OPA4364AID Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364AID TI-OPA4364AID Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA4364AIDG4 TI-OPA4364AIDG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4364-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com