Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4190-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 6Page - Texas Instruments SRC4190-Q1 Datasheet HTML 7Page - Texas Instruments SRC4190-Q1 Datasheet HTML 8Page - Texas Instruments SRC4190-Q1 Datasheet HTML 9Page - Texas Instruments SRC4190-Q1 Datasheet HTML 10Page - Texas Instruments SRC4190-Q1 Datasheet HTML 11Page - Texas Instruments SRC4190-Q1 Datasheet HTML 12Page - Texas Instruments SRC4190-Q1 Datasheet HTML 13Page - Texas Instruments SRC4190-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 1kHz INPUT TONE at 0dBFS
(192kHz:32kHz)
0
2.5k
5k
16k
15k
12.5k
7.5k
10k
Frequency (Hz)
FFT with 1kHz INPUT TONE at –60dBFS
(192kHz:12kHz)
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
0
2.5k
5k
16k
15k
12.5k
7.5k
10k
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 1kHz INPUT TONE at 0dBFS
(192kHz:44.1kHz)
0
5k
10k
22k
20k
15k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
FFT with 1kHz INPUT TONE at –60dBFS
(192kHz:44.1kHz)
0
5k
10k
22k
20k
15k
Frequency (Hz)
–20
0
–40
–60
–80
–100
–120
–140
–160
FFT with 1kHz INPUT TONE at 0dBFS
(192kHz:48kHz)
0
5k
10k
24k
20k
15k
Frequency (Hz)
FFT with 1kHz INPUT TONE at –60dBFS
(192kHz:48kHz)
0
5k
10k
24k
20k
15k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
SRC4190-Q1
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V (unless otherwise noted)
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): SRC4190-Q1


Similar Part No. - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com