Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4190-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SRC4190-Q1 Datasheet HTML 1Page - Texas Instruments SRC4190-Q1 Datasheet HTML 2Page - Texas Instruments SRC4190-Q1 Datasheet HTML 3Page - Texas Instruments SRC4190-Q1 Datasheet HTML 4Page - Texas Instruments SRC4190-Q1 Datasheet HTML 5Page - Texas Instruments SRC4190-Q1 Datasheet HTML 6Page - Texas Instruments SRC4190-Q1 Datasheet HTML 7Page - Texas Instruments SRC4190-Q1 Datasheet HTML 8Page - Texas Instruments SRC4190-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Check for Samples: SRC4190-Q1
1
FEATURES
Qualified for Automotive Applications
Supports 24-, 20-, 18-, or 16-Bit Input and
Output Data
Automatic Sensing of the Input-To-Output
Sampling Ratio
All Output Data Is Dithered From the Internal
28-Bit Data Path
Wide Input-to-Output Sampling Range:
16:1 to 1:16
Low Group Delay Option for Interpolation
Filter
Supports Input and Output Sampling Rates up
to 212 kHz
Soft Mute Function
Dynamic Range: 128 dB (–60 dBFS Input,
Bypass Mode
BW = 20 Hz to fS/2, A-Weighted)
Power Down Mode
THD+N: –125 db (0 dBFS Input,
Operates From a Single 3.3-V Power Supply
BW = 20 Hz to fS/2)
Small SSOP-28 Package
Attenuates Sampling and Reference Clock
Pin Compatible With the SRC4192, AD1895,
Jitter
and AD1896
High Performance, Linear Phase Digital
Filtering
APPLICATIONS
Flexible Audio Serial Ports
Digital Mixing Consoles
Master or Slave Mode Operation
Digital Audio Workstations
Audio Distribution Systems
Supports I2S, Left Justified, Right Justified,
and TDM Data Formats
Broadcast Studio Equipment
High-End A/V Receivers
Supports 16, 18, 20, or 24-Bit Audio Data
General Digital Audio Processing
TDM Mode Allows Daisy Chaining of up to
Eight Devices
DESCRIPTION
The SRC4190 is an asynchronous sample rate converter designed for professional and broadcast audio
applications. The SRC4190 combines a wide input-to-output sampling ratio with outstanding dynamic range and
low distortion. Input and output serial ports support standard audio formats, as well as a Time Division
Multiplexed (TDM) mode. Flexible audio interfaces allow the SRC4190 to connect to a wide range of audio data
converters, digital audio receivers and transmitters, and digital signal processors.
The SRC4190 is a standalone pin-programmed device, with control pins for mode, data format, mute, bypass,
and low group delay functions.
The SRC4190 may be operated from a single 3.3-V power supply. A separate digital I/O supply (VIO) operates
over the 1.65-V to 3.6-V supply range, allowing greater flexibility when interfacing to current and future
generation signal processors and logic devices. The SRC4190 is available in an SSOP-28 package.
ORDERING INFORMATION(1)
TA
PACKAGE (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SSOP – DB
Reel of 2000
SRC4190IDBRQ1
SRC4190Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com