Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4190-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  SRC4190-Q1 Datasheet HTML 1Page - Texas Instruments SRC4190-Q1 Datasheet HTML 2Page - Texas Instruments SRC4190-Q1 Datasheet HTML 3Page - Texas Instruments SRC4190-Q1 Datasheet HTML 4Page - Texas Instruments SRC4190-Q1 Datasheet HTML 5Page - Texas Instruments SRC4190-Q1 Datasheet HTML 6Page - Texas Instruments SRC4190-Q1 Datasheet HTML 7Page - Texas Instruments SRC4190-Q1 Datasheet HTML 8Page - Texas Instruments SRC4190-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
19
20
21
22
23
24
25
26
27
28
LGRP
RCKI
NC
SDIN
BCKI
LRCKI
V
IO
DGND
BYPAS
IFMT0
MODE2
MODE1
MODE0
BCKO
LRCKO
SDOUT
V
DD
DGND
TDMI
OFMT0
10
11
12
13
14
IFMT1
IFMT2
RST
MUTE
15
16
17
18
OFMT1
OWL0
OWL1
RDY
SRC4190-Q1
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
LGRP
1
Low group delay control input (active high)
RCKI
2
Reference clock input
NC
3
No internal connection
SDIN
4
Audio serial data input
BCKI
5
Input port bit clock I/O
LRCKI
6
Input port left/right word clock I/O
VIO
7
Digital I/O supply, 1.65 V to VDD
DGND
8
Digital ground
BYPAS
9
ASRC bypass control input (active high)
IFMT0
10
Input port data format control input
IFMT1
11
Input port data format control input
IFMT2
12
Input port data format control input
RST
13
Reset input (active low)
MUTE
14
Output mute control input (active high)
RDY
15
ASRC ready status output (active low)
OWL1
16
Output port data word length control input
OWL0
17
Output port data word length control input
OFMT1
18
Output port data format control input
OFMT0
19
Output port data format control input
TDMI
20
TDM data input (connect to DGND when not in use)
DGND
21
Digital ground
VDD
22
Digital core supply, 3.3 V
SDOUT
23
Audio serial data output
LRCKO
24
Output port left/right word clock I/O
BCKO
25
Output port bit clock I/O
MODE0
26
Serial port mode control input
MODE1
27
Serial port mode control input
MODE2
28
Serial port mode control input
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): SRC4190-Q1


Similar Part No. - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com