Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10LPCV24110 Datasheet(PDF) 10 Page - Crydom Inc.,

Part # 10LPCV24110
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

10LPCV24110 Datasheet(HTML) 10 Page - Crydom Inc.,

Back Button 10LPCV24110 Datasheet HTML 6Page - Crydom Inc., 10LPCV24110 Datasheet HTML 7Page - Crydom Inc., 10LPCV24110 Datasheet HTML 8Page - Crydom Inc., 10LPCV24110 Datasheet HTML 9Page - Crydom Inc., 10LPCV24110 Datasheet HTML 10Page - Crydom Inc., 10LPCV24110 Datasheet HTML 11Page - Crydom Inc., 10LPCV24110 Datasheet HTML 12Page - Crydom Inc., 10LPCV24110 Datasheet HTML 13Page - Crydom Inc., 10LPCV24110 Datasheet HTML 14Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HD60, HA60
25-125Amp
600 Vac
Zero Voltage or Random Turn-on
Ultra Low Control Current
Crydom's HD60 (DC control) and HA60 (AC control) relays incorporate the same
proven technologies as the HD/HA products with up to 660 Vac load voltage
range, preferred choice in Canada. All models come with 1200 volts blocking as
standard and are available in either zero-cross or random turn-on and phase
controllable (-10) switching versions.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
HD6025
48-660
.04-25
3-32
2.0
1.0
250
UL, CSA, VDE
HD6050
48-660
.04-50
3-32
2.0
1.0
625
UL, CSA, VDE
HD6090
48-660
.04-90
3-32
2.0
1.0
1200
UL, CSA, VDE
HD60125
48-660
.15-125
3-32
2.0
1.0
1750
UL, CSA
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
HA6025
48-660
.04-25
90-280
2.0
10.0
250
UL, CSA, VDE
HA6050
48-660
.04-50
90-280
2.0
10.0
625
UL, CSA, VDE
HA6090
48-660
.04-90
90-280
2.0
10.0
1200
UL, CSA, VDE
HA60125
48-660
.15-125
90-280
2.0
10.0
1750
UL, CSA
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
24 Vac input versions available (E suffix)
Panel Mount Solid State Relays - AC Output
CMD, CMA
25-125Amp
120/240/480/600 Vac
SCR AC Switch Output
Zero Cross or Random Turn-on
These Propack SPST-NO solid state relays offer box clamp connections for safety
and ease-of-use. The on-board LED provides visible status indication. Also
available with DIN rail mount and integral heat sink, (see CMR products on page 14).
Model choices include zero-voltage or random turn-on (phase controllable)
switching (add suffix -10).
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CMD2425
24-280
.15-25
3-32
17
1.0
250
UL, CSA, VDE
CMD2450
24-280
.15-50
3-32
17
1.0
625
UL, CSA, VDE
CMD2475
24-280
.25-75
3-32
17
1.0
1000
UL, CSA, VDE
CMD2490
24-280
.25-90
3-32
17
1.0
1200
UL, CSA, VDE
CMD24110 24-280
.25-110
3-32
17
1.0
1500
UL, CSA
CMD24125 24-280
.25-125
3-32
17
1.0
1750
UL, CSA
CMD4825
48-530
.15-25
4-32
14
1.0
250
UL, CSA, VDE
CMD4850
48-530
.15-50
4-32
14
1.0
625
UL, CSA, VDE
CMD4875
48-530
.25-75
4-32
14
1.0
1000
UL, CSA, VDE
CMD4890
48-530
.25-90
4-32
14
1.0
1200
UL, CSA, VDE
CMD48110 48-530
.25-110
4-32
14
1.0
1500
UL, CSA
CMD48125 48-530
.25-125
4-32
14
1.0
1750
UL, CSA
CMD6025
48-660
.15-25
4-32
14
1.0
250
UL, CSA, VDE
CMD6050
48-660
.15-50
4-32
14
1.0
625
UL, CSA, VDE
CMD6075
48-660
.25-75
4-32
14
1.0
1000
UL, CSA, VDE
CMD6090
48-660
.25-90
4-32
14
1.0
1200
UL, CSA, VDE
CMD60110 48-660
.25-110
4-32
14
1.0
1500
UL, CSA
CMD60125 48-660
.25-125
4-32
14
1.0
1750
UL, CSA
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@120Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
CMA2425
24-280
.15-25
90-140
15
10
250
UL, CSA, VDE
CMA2450
24-280
.15-50
90-140
15
10
625
UL, CSA, VDE
CMA2475
24-280
.25-75
90-140
15
10
1000
UL, CSA, VDE
CMA2490
24-280
.25-90
90-140
15
10
1200
UL, CSA, VDE
CMA24110 24-280
.25-110
90-140
15
10
1500
UL, CSA
CMA24125 24-280
.25-125
90-140
15
10
1750
UL, CSA
CMA4825
48-530
.15-25
90-140
15
10
250
UL, CSA, VDE
CMA4850
48-530
.15-50
90-140
15
10
625
UL, CSA, VDE
CMA4875
48-530
.25-75
90-140
15
10
1000
UL, CSA, VDE
CMA4890
48-530
.25-90
90-140
15
10
1200
UL, CSA, VDE
CMA48110 48-530
.25-110
90-140
15
10
1500
UL, CSA
CMA48125 48-530
.25-125
90-140
15
10
1750
UL, CSA
CMA6025
48-660
.15-25
90-140
15
10
250
UL, CSA, VDE
CMA6050
48-660
.15-50
90-140
15
10
625
UL, CSA, VDE
CMA6075
48-660
.25-75
90-140
15
10
1000
UL, CSA, VDE
CMA6090
48-660
.25-90
90-140
15
10
1200
UL, CSA, VDE
CMA60110 48-660
.25-110
90-140
15
10
1500
UL, CSA
CMA60125 48-660
.25-125
90-140
15
10
1750
UL, CSA
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
24 Vac input versions available (E suffix)
PRG
150Amp
120/240/480 Vac
SCR AC Switch Output
High Steady-State Current
Internal Snubber
Designed for the most demanding application, the PRG SPST-NO Solid State
Relays offer an exceptionally high (150 Arms current rating). They are designed
for a wide range of applications including; high-intensity incandescent lamp
dimming, motor speed control, reversing and switching, heater or pump controls
and more.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release Current
Range
Range
Range
@ 5Vdc
Voltage 1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
PRGD24150
24-280 .15-150
3-15
15
1.0
1750
PRGD24150-10 24-280 .15-150
3-15
15
1.0
1750
PRGD48150
48-530 .15-150
4-15
15
1.0
1750
PRGD48150-10 48-530 .15-150
4-15
15
1.0
1750
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release Current
Range
Range
Range
@ 120Vrms Voltage 1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
PRGA24150
24-280 .15-150
90-140
10
10
1750
PRGA24150-10 24-280 .15-150
90-140
10
10
1750
PRGA48150
48-530 .15-150
90-140
10
10
1750
PRGA48150-10 48-530 .15-150
90-140
10
10
1750
-10 suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
10
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe


Similar Part No. - 10LPCV24110

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
10L100-DO YFWDIODE-10L100-DO Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100-DO-201AD YFWDIODE-10L100-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100D YFWDIODE-10L100D Datasheet
774Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100SB YFWDIODE-10L100SB Datasheet
688Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100SB-SMBF YFWDIODE-10L100SB-SMBF Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - 10LPCV24110

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com