Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72F6 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM72F6
Description  512KB and 1MB Synchronous Fast Static RAM Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F6 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM72F6 Datasheet HTML 2Page - Motorola, Inc MCM72F6 Datasheet HTML 3Page - Motorola, Inc MCM72F6 Datasheet HTML 4Page - Motorola, Inc MCM72F6 Datasheet HTML 5Page - Motorola, Inc MCM72F6 Datasheet HTML 6Page - Motorola, Inc MCM72F6 Datasheet HTML 7Page - Motorola, Inc MCM72F6 Datasheet HTML 8Page - Motorola, Inc MCM72F6 Datasheet HTML 9Page - Motorola, Inc MCM72F6 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MCM72F6
•MCM72F7
9
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
168–LEAD DIMM
CASE 1115J–01
CL
M
0.016 (0.4)
A
D1
D5
FRONT VIEW
VIEW C
VIEW D
D6
VIEW B
(DATUM PLANE C)
VIEW D
b
168X
L
168X
L1
168X
162X
e
M
0.004 (0.1)
C
A B
84
11
40
41
10
1
E2
NOTE 5
A1
NOTE 4
E1 NOTE 6
E
SIDE VIEW
R
K
VIEW B
168
85
COMPONENT
AREA
1
A
B
M
0.004 (0.1)
C
A B
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. CARD THICKNESS APPLIES ACROSS TABS AND
INCLUDES PLATING AND/OR METALLIZATION.
4. DIMENSIONS E AND A1 DEFINE A
DOUBLE–SIDED MODULE.
5. DIMENSION E2 DEFINES OPTIONAL
SINGLE–SIDED MODULE
6. STRAIGHTNESS CALLOUT APPLIES TO TAB
AREA ONLY.
7. D5 DIMENSION DEFINES SLOT END AND EDGE
OF COMPONENT AREA.
R
VIEW C
A3
84
2X
2X
2X
P
2X
A4
A2
M
0.004 (0.1)
C
A B
M
0.004 (0.1)
C
A B
94
95
A5
D4
D4
D3
D2
D2
/2
VIEW C
R
K
VIEW A
M
0.004 (0.1)
C
A B
A5
M
0.15 (0.006)
C
A B
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.095
1.105
27.81
28.07
A1
0.390
–––
9.90
–––
A2
0.118 BSC
3.00 BSC
A3
0.700 BSC
17.78 BSC
A4
0.154
0.161
3.90
4.10
A5
0.118
0.128
3.00
3.25
b
0.037
0.041
0.95
1.05
D1
5.245
5.255
133.22
133.48
D2
5.014 BSC
127.35 BSC
D3
1.700 BSC
43.18 BSC
D4
0.250 BSC
6.35 BSC
D5
0.118
–––
3.00
–––
D6
0.125 BSC
3.175 BSC
e
0.050 BSC
1.27 BSC
E
–––
0.200
–––
4.00
E1
0.046
0.054
1.17
1.37
E2
–––
0.148
–––
2.70
K
0.075
0.083
1.90
2.10
L
0.100
–––
2.54
–––
L1
–––
0.010
–––
0.25
P
0.114
0.122
2.90
3.10
BACK VIEW
COMPONENT
AREA


Similar Part No. - MCM72F6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG10 MOTOROLA-MCM72F6ADG10 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG12 MOTOROLA-MCM72F6ADG12 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG9 MOTOROLA-MCM72F6ADG9 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
256KB and 512KB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
1MB and 2MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
1MB R4000 Secondary Cache Fast Static RAM Module Set
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
2MB and 4MB Synchronous Fast Static RAM Module
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com