![]() |
Electronic Components Datasheet Search |
|
CH144D Datasheet(PDF) 20 Page - Cooper Bussmann, Inc. |
|
|
CH144D Datasheet(HTML) 20 Page - Cooper Bussmann, Inc. |
20 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com NNS, ENS Safeloc Fuseholder 660V ac / 32 - 63A Specifications Description: Fuseholder to be used with BS88 Fuse links for bolted panel mounting or DIN rail. Ratings: Applications: Lighting and heating equipment, circuit protection, Motor protection, Control equipment circuit protection Agency Information: CE Compliance to BS88, EN IEC 60269 RoHS Compliant Dimensions Catalogue Numbers BS88 Fuseholders Volts: - 550V ac, 415V ac (63A) Amps: - 32, 63A Rating (A) Catalogue Number Available Variants Required Fuse Link Unit Packing 32 32NNSF Front connected/ Front connected NSD 10 32NNSBS Back stud/ Back stud 10 32NNSFBS Front connected/ Back stud 10 32NNL Neutral links 10 63 63ENSF Front connected/ Front connected ESD 5 63ENSBS Back stud/ Back stud 5 63ENSFBS Front connected/ Back stud 5 63ENL Neutral links 1 Rating (A) Part No Max Cable mm2 Dimensions (mm) A B C D E F G H J K 32 NNS 16 25.4 80.3 48.5 2.3 16.0 39.2 57.7 17.0 9.7 M6 63 ENS 35 29.1 90.0 55.0 3.3 17.7 75.0 67.9 39.2 11.0 M8 Notes: 1 - For colours other than Black (standard), add the appro- priate letter code: W = White, G = Green, GY = Grey, at the end of the catalogue reference. 2 - Security seal (ref. 32551) available for 32A Safeloc 3 - Care must be taken when fitting solid single or stranded cables of small cross-sectional area to ensure correct clamping. Small Multi-stranded cables must be terminated with bootlace ferrules to ensure correct clamping. Bootlace ferrules should not be used on standard power cables or high current applications. If in doubt please consult Cooper Bussmann® 4 - A +5% tolerance should be allowed on dimensions when cutting metal work to fit Safeloc fuse holders 21 |
Similar Part No. - CH144D |
|
Similar Description - CH144D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |