Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CHD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221CHD
Description  DUAL DIGITAL ISOLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221CHD Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7221CHD Datasheet HTML 5Page - Texas Instruments ISO7221CHD Datasheet HTML 6Page - Texas Instruments ISO7221CHD Datasheet HTML 7Page - Texas Instruments ISO7221CHD Datasheet HTML 8Page - Texas Instruments ISO7221CHD Datasheet HTML 9Page - Texas Instruments ISO7221CHD Datasheet HTML 10Page - Texas Instruments ISO7221CHD Datasheet HTML 11Page - Texas Instruments ISO7221CHD Datasheet HTML 12Page - Texas Instruments ISO7221CHD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
V
=5V
CC
15pFLoad
T =25°C
A
V
-V
OUT
V
=3.3V
CC
0
2
4
6
-80
-70
-60
-50
-40
-30
-20
-10
0
2.45
2.5
2.55
2.6
2.65
2.7
2.75
-60
-10
40
90
140
190
15 pF Load
V
= 3.3 V or 5 V
CC
V
FS
V
FS-
Temperature - °C
V
=5V
CC
15pFLoad
T =25°C
A
V
-V
OUT
V
=3.3V
CC
0
10
20
30
40
50
60
70
0
1
2
3
4
5
ISO7221C-HT
www.ti.com
SLLSE78
– APRIL 2011
TYPICAL CHARACTERISTIC CURVES (continued)
VCC FAILSAFE THRESHOLD
HIGH-LEVEL OUTPUT CURRENT
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 9.
Figure 10.
LOW-LEVEL OUTPUT CURRENT
vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 11.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ISO7221C-HT


Similar Part No. - ISO7221CHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221C TI-ISO7221C Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7221C TI-ISO7221C Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7221C TI-ISO7221C Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7221C-Q1 TI1-ISO7221C-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
ISO7221CD TI-ISO7221CD Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7221CHD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
Rev 2 - January 2023
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
REV. C
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
Rev 1 - November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com