Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221C-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221C-Q1
Description  DUAL DIGITAL ISOLATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221C-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7221C-Q1 Datasheet HTML 10Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 11Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 12Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 13Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 14Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 15Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 16Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 17Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
10
100
0
250
500
750
1000
WORKINGVOLTAGE(V IORM)--V
V
at560V
IORM
28
880
120
1
2
3
4
5
6
7
8
ISO 7221
VCC 1
VCC 2
INB
OUTB
GND 1
GND 2
INPUT
OUTPUT
0.1
mF
0.1
mF
2mm
max .
from
Vcc 1
2mm
max .
from
Vcc 2
INA
OUTA
INPUT
OUTPUT
1
2
3
4
5
6
7
8
ISO 7220
VCC 1
VCC2
INB
OUTB
GND 1
GND 2
INPUT
OUTPUT
0.1
mF
0.1
mF
2 mm
max .
from
Vcc 1
2mm
max .
from
Vcc 2
INA
OUTA
INPUT
OUTPUT
ISO7220A-Q1
ISO7221A-Q1
ISO7221C-Q1
SLLS965C – JULY 2009 – REVISED MAY 2012
www.ti.com
APPLICATION INFORMATION
Typical Applications
Figure 12. Typical ISO7220 Application Circuit
Figure 13. Typical ISO7221 Application Circuit
Figure 14. Time-Dependent Dielectric Breakdown Test Results
14
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A-Q1 ISO7221A-Q1 ISO7221C-Q1


Similar Part No. - ISO7221C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221C-Q1 TI2-ISO7221C-Q1 Datasheet
628Kb / 19P
DUAL DIGITAL ISOLATOR
REVISED OCTOBER 2012
More results

Similar Description - ISO7221C-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
REV. B
logo
Texas Instruments
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com