Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221C-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221C-Q1
Description  DUAL DIGITAL ISOLATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221C-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7221C-Q1 Datasheet HTML 1Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 2Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 3Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 4Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 5Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 6Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 7Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 8Page - Texas Instruments ISO7221C-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ISO7220A-Q1
ISO7221A-Q1
ISO7221C-Q1
www.ti.com
SLLS965C – JULY 2009 – REVISED MAY 2012
DUAL DIGITAL ISOLATORS
Check for Samples: ISO7220A-Q1, ISO7221A-Q1, ISO7221C-Q1
1
FEATURES
Qualified for Automotive Applications
4000-Vpeak Isolation, 560 Vpeak VIORM
1-Mbps and 25-Mbps Signaling Rate Options
UL 1577, IEC 60747-5-2 (VDE 0884, Rev 2),
IEC 61010-1, IEC 60950-1 and CSA
Low Channel-to-Channel Output Skew:
Approved
1 ns (Max)
50 kV/
μs Typical Transient Immunity
Low Pulse-Width Distortion (PWD):
1 ns (Max)
Operates with 3.3-V or 5-V Supplies
Low Jitter Content: 1 ns (Typ) at 150 Mbps
4 kV ESD Protection
25-Year (Typ) Life at Rated Voltage
High Electromagnetic Immunity
(See Application Report SLLA197 and
–40°C to 125°C Operating Free-Air
Figure 14)
Temperature Range
DESCRIPTION
The ISO7220 and ISO7221 are dual-channel digital isolators. To facilitate PCB layout, the channels are oriented
in the same direction in the ISO7220 and in opposite directions in the ISO7221. These devices have a logic input
and output buffer separated by TI’s silicon-dioxide (SiO2) isolation barrier, providing galvanic isolation of up to
4000 V. Used in conjunction with isolated power supplies, these devices block high voltage, isolate grounds, and
prevent noise currents on a data bus or other circuits from entering the local ground and interfering with or
damaging sensitive circuitry.
A binary input signal is conditioned, translated to a balanced signal, then differentiated by the capacitive isolation
barrier. Across the isolation barrier, a differential comparator receives the logic transition information, then sets or
resets a flip-flop and the output circuit accordingly. A periodic update pulse is sent across the barrier to ensure
the proper dc level of the output. If this dc-refresh pulse is not received every 4
μs, the input is assumed to be
unpowered or not being actively driven, and the failsafe circuit drives the output to a logic high state.
The small capacitance and resulting time constant provide fast operation with signaling rates available from 0
Mbps (dc) to 25 Mbps.(1)The A-option and C-option devices have TTL input thresholds and a noise filter at the
input that prevents transient pulses from being passed to the output of the device.
These devices require two supply voltages of 3.3 V, 5 V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS.
These devices are characterized for operation over the ambient temperature range of –40°C to 125°C.
(1)
The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7221C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221C-Q1 TI2-ISO7221C-Q1 Datasheet
628Kb / 19P
DUAL DIGITAL ISOLATOR
REVISED OCTOBER 2012
More results

Similar Description - ISO7221C-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
REV. B
logo
Texas Instruments
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com