Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221C-HT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221C-HT
Description  DUAL DIGITAL ISOLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221C-HT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7221C-HT Datasheet HTML 4Page - Texas Instruments ISO7221C-HT Datasheet HTML 5Page - Texas Instruments ISO7221C-HT Datasheet HTML 6Page - Texas Instruments ISO7221C-HT Datasheet HTML 7Page - Texas Instruments ISO7221C-HT Datasheet HTML 8Page - Texas Instruments ISO7221C-HT Datasheet HTML 9Page - Texas Instruments ISO7221C-HT Datasheet HTML 10Page - Texas Instruments ISO7221C-HT Datasheet HTML 11Page - Texas Instruments ISO7221C-HT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0
6
12
18
22
28
30
0
25
50
75
100
SignalingRate-Mbps
4
2
8
14
10
16
20
24
26
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
SignalingRate-Mbps
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
V
CC = 3.3 V
V
CC = 5 V
t
pLH & tpHL
t
pLH & tpHL
20
25
30
35
40
45
50
Temperature - °C
175
-55
-40
25
125
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
-60
-10
40
90
140
190
Temperature - °C
5-V V
th+
3.3-V V
th+
3.3-V V
th-
5-V V
th-
15 pF Load
ISO7221C-HT
SLLSE78
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTIC CURVES
3.3-V RMS SUPPLY CURRENT
5-V RMS SUPPLY CURRENT
vs
vs
SIGNALING RATE (Mbps)
SIGNALING RATE (Mbps)
Figure 5.
Figure 6.
PROPAGATION DELAY
INPUT VOLTAGE LOW-TO-HIGH SWITCHING THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :ISO7221C-HT


Similar Part No. - ISO7221C-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221C-Q1 TI1-ISO7221C-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7221C-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
   Dual-Channel Digital Isolator
Rev. D
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
[Old version datasheet]   Dual-Channel Digital Isolator EVM
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
   Dual channel digital isolator evaluation board
Rev 1 - November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com