Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72F10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM72F10
Description  8MB Synchronous Fast Static RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F10 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM72F10 Datasheet HTML 1Page - Motorola, Inc MCM72F10 Datasheet HTML 2Page - Motorola, Inc MCM72F10 Datasheet HTML 3Page - Motorola, Inc MCM72F10 Datasheet HTML 4Page - Motorola, Inc MCM72F10 Datasheet HTML 5Page - Motorola, Inc MCM72F10 Datasheet HTML 6Page - Motorola, Inc MCM72F10 Datasheet HTML 7Page - Motorola, Inc MCM72F10 Datasheet HTML 8Page - Motorola, Inc MCM72F10 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MCM72F10
4
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
59, 61, 62, 64, 65, 67, 68, 70,
71, 72, 143, 145, 146, 148,
149, 151, 152, 154, 155
A0 – A18
Input
Synchronous Address Inputs: These inputs are registered and must meet
setup and hold times.
156
ADSP
Input
Synchronous Addresss Status Controller: Initiates read, write, or chip
deselect cycle.
15, 31, 44, 86, 92, 105, 121,
134
DP0 – DP7
Synchronous Parity Data Inputs/Outputs.
2, 3, 5, 6, 8, 9, 11, 12, 14, 17,
18, 20, 21, 23, 24, 26, 27, 32,
34, 35, 37, 38, 40, 41, 43, 46,
47, 49, 50, 52, 53, 55, 56, 87,
89, 90, 93, 95, 96, 98, 99,
101, 102, 104, 107, 108, 110,
111, 115, 116, 118, 119, 122,
124, 125, 127, 128, 130, 131,
133, 136, 137, 139, 140
DQ0 – DQ63
I/O
Synchronous Data Inputs/Outputs.
83, 167
E0, E1
Input
Synchronous Chip Enable: Active low to enable chip. Negated high —
blocks ADSP or deselects chip when ADSC is asserted.
82, 166
G0, G1
Input
Asynchronous Output Enable Input:
Low — enables output buffer.
High — DQx pins are high impedance.
29, 74, 113, 158
K0 – K3
Input
Clock: This signal registers the address, data in, and all control signals
except G and LBO.
76, 77, 79, 80, 160, 161, 163,
164
W0 – W7
Input
Synchronous Byte Write Inputs: x refers to the byte being written (byte a,
b).
4, 16, 33, 45, 57, 69, 94, 106,
123, 135, 147, 165
VDD
Supply
Power Supply: 3.3 V + 10%, – 5%. Must be connected on all modules.
1, 7, 10, 13, 19, 22, 25, 28,
30, 36, 39, 42, 48, 51, 54, 60,
63, 66, 73, 75, 78, 81, 84, 85,
88, 91, 97, 100, 103, 109,
112, 114, 117, 120, 126, 129,
132, 138, 141, 144, 150, 153,
157, 159, 162, 168
VSS
Supply
Ground.
58, 142
NC
No Connection: There is no connection to the chip.
DATA RAM MCM69F618A SYNCHRONOUS TRUTH TABLE (See Notes 1, 2, 3, and 4)
Next Cycle
Address Used
E
ADSP
G
DQx
WRITE
Deselect
None
1
0
X
High–Z
X
Begin Read
External Address
0
0
0
DQ
Read
Read
Current
X
1
1
High–Z
Read
Read
Current
X
1
0
DQ
Read
Begin Write
External
0
0
X
High–Z
Write
Write
Current
X
1
X
High–Z
Write
NOTES:
1. X = don’t care, 1 = logic high, 0 = logic low.
2. Write is defined as any Wx low.
3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low.
4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must
also remain negated at the completion of the write cycle to ensure proper write data hold times.


Similar Part No. - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG10 MOTOROLA-MCM72F6ADG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG12 MOTOROLA-MCM72F6ADG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG9 MOTOROLA-MCM72F6ADG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Motorola, Inc
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com