Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72BB64SG66 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM72BB64SG66
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BB64SG66 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM72BB64SG66 Datasheet HTML 1Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 2Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 3Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 4Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 5Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 6Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 7Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 8Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIN ASSIGNMENT
160–LEAD CARD EDGE MODULE
TOP VIEW
VSS
DQ63
VCC5
DQ61
VCC5
DQ59
DQ57
VSS
DQP7
DQ55
DQ53
DQ51
VSS
DQ49
DQ47
DQ45
DQ43
VSS
DQ41
DQP5
DQ39
DQ37
DQ35
VSS
DQ33
DQ31
DQ29
DQ27
DQ25
VSS
DQP3
DQ23
DQ21
VCC5
DQ19
VSS
DQ17
VCC5
DQ15
DQ13
VSS
DQ11
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
VSS
DQ62
VCC3*
DQ60
VCC3*
DQ58
DQ56
VSS
DQP6
DQ54
DQ52
DQ50
VSS
DQ48
DQ46
DQ44
DQ42
VSS
DQ40
DQP4
DQ38
DQ36
DQ34
VSS
DQ32
DQ30
DQ28
DQ26
DQ24
VSS
DQP2
DQ22
DQ20
VCC3*
DQ18
VSS
DQ16
VCC3*
DQ14
DQ12
VSS
DQ10
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
VCC5
DQ9
DQP1
VCC5
DQ7
DQ5
DQ3
DQ1
VSS
A3B
A4B
A5B
A6B
A7
VSS
A9
A11
A13
A15
A17
VSS
*A19
PD1
K0
*K2
VSS
W7
W5
W3
W1
VSS
ADSC1
E1
ADV1
G1
VCC5
ADSP1
VSS
VCC3*
DQ8
DQP0
VCC3*
DQ6
DQ4
DQ2
DQ0
VSS
A3A
A4A
A5A
A6A
A8
VSS
A10
A12
A14
A16
A18**
VSS
PD0
PD2
K1
K3*
VSS
W6
W4
W2
W0
VSS
ADSC0
E0
ADV0
G0
VCC3*
ADSP0
VSS
PIN NAMES
A3 – A18
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
K0, K1
Clock
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
W0 – W7
Byte Write
. . . . . . . . . . . . . . . . . . . . . . . . . .
E0, E1
Module Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G0, G1
Module Output Enable
. . . . . . . . . . . . . . . . .
DQ0 – DQ63
Cache Data Input/Output
. . . . . . . . . .
DQP0 – DQP7
Data Parity Input/Output
. . . . . . . . .
ADSC0, ADSC1
Controller Address Status
. . . . . .
ADSP0, ADSP1
Processor Address Status
. . . . . .
ADV0, ADV1
Burst Advance
. . . . . . . . . . . . . . . . . . .
PD0 – PD2
Presence Detect
. . . . . . . . . . . . . . . . . .
VCC5
+ 5 V Power Supply
. . . . . . . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
* No Connect for MCM72BB32/MCM72BB64
** No Connect for MCM72BB32
MCM72BB32
•MCM72BB64
2
MOTOROLA FAST SRAM
PD2
PD1
PD0
Cache
Size
Module
VSS
VSS
NC
256KB
72BB32SG
VSS
VSS
VSS
512KB
72BB64SG


Similar Part No. - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com