Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72BB64SG66 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MCM72BB64SG66
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BB64SG66 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MCM72BB64SG66 Datasheet HTML 6Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 7Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 8Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 9Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 10Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 11Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 12Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 13Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MCM72BB32
•MCM72BB64
13
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
CARD EDGE MODULE
160–LEAD
CASE 1113–01
M
P
(N)
A
SIDE VIEW
E
L
K
R
160X
H
160X
R
W
D
160X
156X
Y
L
0.004 (0.1)
X S
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
4.330
4.350
109.98
110.49
B
1.290
1.310
32.77
33.27
C
–––
0.454
–––
11.53
D
0.033
0.037
0.84
0.94
E
2.265
2.275
57.53
57.79
F
0.075 BSC
1.91 BSC
G
0.050 BSC
1.27 BSC
H
–––
0.030
–––
0.51
J
0.055
0.069
1.40
1.75
K
0.210
–––
5.33
–––
L
1.955
1.965
49.66
49.91
M
2.155
2.165
54.74
54.99
N
0.110 REF
2.79 REF
P
0.125
–––
3.18
–––
R
0.285
0.305
7.24
7.75
V
0.157
–––
3.99
–––
W
0.040
0.060
1.02
1.52
AB
–––
0.262
–––
6.66
AC
0.072
0.076
1.83
1.93
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CARD THICKNESS APPLIES ACROSS TABS AND
INCLUDES PLATING AND/OR METALLIZATION.
4. DIMENSIONS C AND V DEFINE A
DOUBLE–SIDED MODULE.
5. DIMENSION AB DEFINES OPTIONAL
SINGLE–SIDED MODULE.
6. STRAIGHTNESS CALLOUT APPLIES TO TAB
AREA ONLY.
G
2X
BACK VIEW
COMPONENT
VIEW AA
AC
F
–X–
–Y–
B
VIEW
AA
FULL R
COMPONENT
80
43
42
1
AREA
FRONT VIEW
V
NOTE 4
AB
NOTE 5
J NOTE 6
M
0.012 (0.3)
–T–
AREA
160
123
122
81
C
NOTE 4
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.


Similar Part No. - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com