Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72BB64SG66 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MCM72BB64SG66
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BB64SG66 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MCM72BB64SG66 Datasheet HTML 6Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 7Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 8Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 9Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 10Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 11Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 12Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 13Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MCM72BB32
•MCM72BB64
12
MOTOROLA FAST SRAM
APPLICATION EXAMPLE
512K Byte Burstable, Secondary Cache
Using MCM72BB64SG66 with a 66 MHz Pentium
DATA
ADDRESS
CLK
ADS
CONTROL
CACHE
CONTROL
LOGIC
ADV
ADSP
K0
ADSC
W
G0
DATA BUS
ADDRESS BUS
MCM67B618FN9
Pentium
CLOCK
ADDR
ADDR
DATA
K
Figure 2
MCM72BB64SG66
K1
G1
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (SG = Gold Pad SIMM)
Speed (66 = 66 MHz, 60 = 60 MHz)
MCM
72BB32
72BB64 XX
XX
Full Part Numbers — MCM72BB32SG66
MCM72BB32SG60
MCM72BB64SG66
MCM72BB64SG60


Similar Part No. - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com