Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72BB64SG66 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM72BB64SG66
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BB64SG66 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM72BB64SG66 Datasheet HTML 1Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 2Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 3Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 4Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 5Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 6Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 7Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 8Page - Motorola, Inc MCM72BB64SG66 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MCM72BB32
•MCM72BB64
1
MOTOROLA FAST SRAM
256KB and 512KB BurstRAM
Secondary Cache Module for
Pentium
The MCM72BB32SG and MCM72BB64SG are designed to provide a burstable,
high performance, 256K/512K L2 cache for the Pentium microprocessor. The
modules are configured as 32K x 72 and 64K x 72 bits in a 160 pin card edge
memory module. Each module uses four of Motorola’s MCM67B518 or
MCM67B618 BiCMOS BurstRAMs.
Bursts can be initiated with either address status processor (ADSP) or address
status controller (ADSC). Subsequent burst addresses are generated internal to
the BurstRAM by the burst advance (ADV) input pin.
Write cycles are internally self timed and are initiated by the rising edge of the
clock (K) input. Eight write enables are provided for byte write control.
The cache family is designed to interface with popular Pentium cache
controllers with on board tag.
PD0 – PD2 are reserved for density identification.
• Pentium–style Burst Counter on Board
• 160 Pin Card Edge Module
• Single 5 V ± 5% Power Supply
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Byte Parity
• Byte Write Capability
• Fast Module Clock Rates: 66 MHz, 60 MHz
• Decoupling Capacitors for each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• I/Os are 3.3 V Compatible
• Burndy Connector, Part Number: CELP2X80SC3Z48
BurstRAM is a trademark of Motorola.
Pentium is a trademark of Intel Corp.
160–LEAD
CARD EDGE
CASE 1113–01
TOP VIEW
1
42
43
80
Order this document
by MCM72BB32/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM72BB32
MCM72BB64
REV 1
5/95
© Motorola, Inc. 1995


Similar Part No. - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BB64SG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com