Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1216 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1216
Description  16 LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1216 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVP1216 Datasheet HTML 8Page - Texas Instruments CDCLVP1216 Datasheet HTML 9Page - Texas Instruments CDCLVP1216 Datasheet HTML 10Page - Texas Instruments CDCLVP1216 Datasheet HTML 11Page - Texas Instruments CDCLVP1216 Datasheet HTML 12Page - Texas Instruments CDCLVP1216 Datasheet HTML 13Page - Texas Instruments CDCLVP1216 Datasheet HTML 14Page - Texas Instruments CDCLVP1216 Datasheet HTML 15Page - Texas Instruments CDCLVP1216 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Board
Supply
Chip
Supply
C
10 F
m
C
1 F
m
C
0.1 F(x6)
m
FerriteBead
V
CC
(a) Output DC Termination
(b) Output AC Termination
CDCLVP1216
LVPECL
86 W
86 W
50 W
50 W
V
BB
CDCLVP1216
LVPECL
250 W
62.5 W
250 W
62.5 W
V
CC
V
CC
CDCLVP1216
SCAS877C
– MAY 2009 – REVISED AUGUST 2011
www.ti.com
Figure 13 illustrates this recommended power-supply decoupling method.
Figure 13. Power-Supply Decoupling
LVPECL Output Termination
The CDCLVP1216 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is a 50
Ω to (VCC –2) V, but this dc voltage is not readily available on PCB. Therefore, a
Thevenin equivalent circuit is worked out for the LVPECL termination in both direct-coupled (dc) and ac-coupled
configurations. These configurations are shown in Figure 14a and b for VCC = 2.5 V and Figure 15a and b for VCC
= 3.3 V, respectively. It is recommended to place all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, ac coupling is required.
Figure 14. LVPECL Output DC and AC Termination for VCC = 2.5 V
12
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1216


Similar Part No. - CDCLVP1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAR TI-CDCLVP1212RHAR Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAT TI-CDCLVP1212RHAT Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com