Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1102RGTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1102RGTR
Description  Two LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1102RGTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVP1102RGTR Datasheet HTML 7Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 8Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 9Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 10Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 11Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 12Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 13Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 14Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1,6mm(min)
0,5mm(typ)
0,33mm(typ)
CDCLVP1102
www.ti.com
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
APPLICATION INFORMATION
Thermal Management
Power consumption of the CDCLVP1102 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature should be limited to a maximum of +125
°C. That is, as
an estimate, ambient temperature (TA) plus device power consumption times θJA should not exceed +125°C.
The device package has an exposed pad that provides the primary heat removal path to the printed circuit board
(PCB). To maximize the heat dissipation from the package, a thermal landing pattern including multiple vias to a
ground plane must be incorporated into the PCB within the footprint of the package. The exposed pad must be
soldered down to ensure adequate heat conduction out of the package. Figure 12 shows a recommended land
and via pattern.
Figure 12. Recommended PCB Layout
Power-Supply Filtering
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
jitter/phase noise is very critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guard the power-supply system
against the induced fluctuations. These bypass capacitors also provide instantaneous current surges as required
by the device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors,
they must be placed very close to the power-supply pins and laid out with short loops to minimize inductance. It
is recommended to add as many high-frequency (for example, 0.1-
μF) bypass capacitors as there are supply
pins in the package. It is recommended, but not required, to insert a ferrite bead between the board power supply
and the chip power supply that isolates the high-frequency switching noises generated by the clock driver; these
beads prevent the switching noise from leaking into the board supply. Choose an appropriate ferrite bead with
very low dc resistance because it is imperative to provide adequate isolation between the board supply and the
chip supply, as well as to maintain a voltage at the supply pins that is greater than the minimum voltage required
for proper operation.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCLVP1102


Similar Part No. - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com