Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1102RGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1102RGTR
Description  Two LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1102RGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCLVP1102RGTR Datasheet HTML 6Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 7Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 8Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 9Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 10Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 11Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 12Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 13Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
80%
20%
0V
t
R
t
F
OUTPx
OUTNx
V
OH
V
OL
V
OUT,DIFF,PP (=2
VOD)
´
VOD
t
PLH0
t
PLH0
t
PLH1
t
PLH1
INP
INN
OUTP0
OUTN0
OUTP1
OUTN1
CDCLVP1102
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
Figure 10 shows the output voltage and rise/fall time. Output and part-to-part skew are shown in Figure 11.
Figure 10. Output Voltage and Rise/Fall Time
(1)
Output skew is calculated as the greater of the following: As the difference between the fastest and the slowest tPLHn
(n = 0, 1), or as the difference between the fastest and the slowest tPHLn (n = 0, 1).
(2)
Part-to-part skew is calculated as the greater of the following: As the difference between the fastest and the slowest
tPLHn (n = 0, 1) across multiple devices, or the difference between the fastest and the slowest tPHLn (n = 0, 1) across
multiple devices.
Figure 11. Output and Part-to-Part Skew
10
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1102


Similar Part No. - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com