Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1102RGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1102RGTR
Description  Two LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1102RGTR Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP1102RGTR Datasheet HTML 1Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 2Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 3Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 4Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 5Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 6Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 7Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 8Page - Texas Instruments CDCLVP1102RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Reference
Generator
GND
LVPECL
2
2
OUTP[1,0]
OUTN[1,0]
V
CC
V
AC_REF
INP
INN
CDCLVP1102
www.ti.com
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
Two LVPECL Output,
High-Performance Clock Buffer
Check for Samples: CDCLVP1102
1
FEATURES
DESCRIPTION
The CDCLVP1102 is a highly versatile, low additive
2
1:2 Differential Buffer
jitter buffer that can generate two copies of LVPECL
Single Clock Input
clock outputs from one LVPECL, LVDS, or LVCMOS
Universal Inputs Can Accept LVPECL, LVDS,
input for a variety of communication applications. It
LVCMOS/LVTTL
has a maximum clock frequency up to 2 GHz. The
overall additive jitter performance is less than 0.1 ps,
Two LVPECL Outputs
RMS from 10 kHz to 20 MHz, and overall output
Maximum Clock Frequency: 2 GHz
skew is as low as 10 ps, making the device a perfect
Maximum Core Current Consumption: 33 mA
choice for use in demanding applications.
Very Low Additive Jitter:
<100 fs,rms in 10-kHz
The CDCLVP1102 clock buffer distributes a single
to 20-MHz Offset Range
clock input (IN) to two pairs of differential LVPECL
clock outputs (OUT0, OUT1) with minimum skew for
2.375 V to 3.6 V Device Power Supply
clock distribution. The inputs can be LVPECL, LVDS,
Maximum Propagation Delay: 450 ps
or LVCMOS/LVTTL.
Maximum Output Skew: 10 ps
The CDCLVP1102 is specifically designed for driving
LVPECL Reference Voltage, VAC_REF, Available
50-
Ω transmission lines. When driving the inputs in
for Capacitive-Coupled Inputs
single-ended
mode,
the
LVPECL
bias
voltage
Industrial Temperature Range:
–40°C to +85°C
(VAC_REF) should be applied to the unused negative
input pin. However, for high-speed performance up to
Available in 3-mm
× 3-mm QFN-16 (RGT)
2 GHz, differential mode is strongly recommended.
Package
ESD Protection Exceeds 2 kV (HBM)
The CDCLVP1102 is characterized for operation
from
–40°C to +85°C and is available in a QFN-16,
3-mm
× 3-mm package.
APPLICATIONS
Wireless Communications
Telecommunications/Networking
Medical Imaging
Test and Measurement Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1102RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com