Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72BA32 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM72BA32
Description  256KB and 512KB BurstRAM Secondary Cache Module for Pentium
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72BA32 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM72BA32 Datasheet HTML 1Page - Motorola, Inc MCM72BA32 Datasheet HTML 2Page - Motorola, Inc MCM72BA32 Datasheet HTML 3Page - Motorola, Inc MCM72BA32 Datasheet HTML 4Page - Motorola, Inc MCM72BA32 Datasheet HTML 5Page - Motorola, Inc MCM72BA32 Datasheet HTML 6Page - Motorola, Inc MCM72BA32 Datasheet HTML 7Page - Motorola, Inc MCM72BA32 Datasheet HTML 8Page - Motorola, Inc MCM72BA32 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIN ASSIGNMENT
136–LEAD DIMM
TOP VIEW
PD0
PD1
DQ0
DQ1
VCC
DQ4
DQ6
DQP0
DQ8
DQ10
VSS
K0
VSS
DQ14
VCC
DQ16
DQ17
DQ19
DQ21
VCC
DQP2
DQ24
DQ26
DQ28
VSS
DQ31
DQP3
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
VSS
PD2
VCC
DQ2
DQ3
DQ5
DQ7
VSS
DQ9
DQ11
DQ12
VSS
DQ13
DQ15
DQP1
VSS
DQ18
DQ20
DQ22
DQ23
VSS
DQ25
DQ27
DQ29
DQ30
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
W6
DQ32
DQ33
VSS
DQ36
DQ38
DQ39
DQ40
VCC
DQ43
DQ45
DQ46
DQP5
VSS
K1
VSS
DQ52
DQ53
DQ55
DQP6
VCC
DQ58
DQ60
DQ62
DQP7
A0
A2
A4
A6
A8
A10
A12
A14
VSS
W7
E1
DQ34
DQ35
DQ37
VCC
DQP4
DQ41
DQ42
DQ44
VSS
DQ47
DQ48
DQ49
VSS
DQ50
DQ51
DQ54
DQ56
VSS
DQ57
DQ59
DQ61
DQ63
VCC
A1
A3
A5
A7
NC
A9
A11
A13
A15*
W0
W2
ADSP
ADV
E0
W1
W3
G0
ADSC
W4
G1
W5
VCC
VSS
VSS
VSS
PIN NAMES
A0 – A15
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
K0, K1
Clock
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
W0 – W7
Byte Write
. . . . . . . . . . . . . . . . . . . . . . . . . .
E0, E1
Module Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G0, G1
Module Output Enable
. . . . . . . . . . . . . . . . .
DQ0 – DQ63
Cache Data Input/Output
. . . . . . . . . .
DQP0 – DQP7
Data Parity Input/Output
. . . . . . . . .
ADSC
Controller Address Status
. . . . . . . . . . . . . .
ADSP
Processor Address Status
. . . . . . . . . . . . . . .
ADV
Burst Advance
. . . . . . . . . . . . . . . . . . . . . . . . . .
PD0 – PD2
Presence Detect
. . . . . . . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
* This pin on the MCM72BA32 is a No Connect (NC)
MCM72BA32
•MCM72BA64
2
MOTOROLA FAST SRAM
PD2
PD1
PD0
Cache
Size
Module
VSS
NC
NC
512KB
72BA64SG66/60
VSS
NC
VSS
512KB
72BA64SG50
VSS
VSS
NC
256KB
72BA32SG66/60
VSS
VSS
VSS
256KB
72BA32SG50


Similar Part No. - MCM72BA32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32SG60 MOTOROLA-MCM72BB32SG60 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32SG66 MOTOROLA-MCM72BB32SG66 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB64SG60 MOTOROLA-MCM72BB64SG60 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB64SG66 MOTOROLA-MCM72BB64SG66 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72BA32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com