Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-07C1 Datasheet(PDF) 8 Page - NEC

Part # D-07C1
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D-07C1 Datasheet(HTML) 8 Page - NEC

Back Button D-07C1 Datasheet HTML 4Page - NEC D-07C1 Datasheet HTML 5Page - NEC D-07C1 Datasheet HTML 6Page - NEC D-07C1 Datasheet HTML 7Page - NEC D-07C1 Datasheet HTML 8Page - NEC D-07C1 Datasheet HTML 9Page - NEC D-07C1 Datasheet HTML 10Page - NEC D-07C1 Datasheet HTML 11Page - NEC D-07C1 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
DIP Type
Common Mode Power Line
8
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SH Series
[RoHS Compliant]
SH-101
150
3.0
0.35
16
–25 to +80
SH-102
150
3.0
1.5
26
–25 to +80
SH-201
150
3.0
0.5
16
–25 to +80
Fig. 1
SH-202
150
3.0
1.5
20
–25 to +80
SH-301
150
3.0
3.2
22
–25 to +80
SH-302
150
3.0
7.5
26
–25 to +80
SH-211
150
3.0
0.5
18
–25 to +80
SH-212
150
3.0
1.5
23
–25 to +80
Fig. 2
for 2 lines
SH-311
150
3.0
3.2
25
–25 to +80
SH-312
150
3.0
7.5
30
–25 to +80
SH-121
50
3.0
0.35
11
–25 to +80
SH-122
50
3.0
1.5
20
–25 to +80
Fig. 3
SH-321
50
3.0
3.5
14
–25 to +80
SH-322
50
3.0
7.5
20
–25 to +80
SH-132
50
2.4
2.6
51
–25 to +60
Fig. 4
SH-432
50
2.4
30.0
51
–25 to +60
for 3 lines
SH-S132
50
1.0
1.7
81
–25 to +80
Fig. 5
Rated voltage
Rated currentInductance
DC resistance
Operating
Shape and
Model
temperature range
DC (V)
(A)
(µH) min.(m /line) max.
(˚C)
dimensions
SH Series
[RoHS Compliant]


Similar Part No. - D-07C1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D-07244 MURATA1-D-07244 Datasheet
446Kb / 23P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results

Similar Description - D-07C1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com