Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440AV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1440AV33
Description  36-Mbit (1 M 횞 36) Pipelined Sync SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440AV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1440AV33_12 Datasheet HTML 1Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440AV33_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY7C1440AV33
36-Mbit (1 M × 36) Pipelined Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05383 Rev. *K
Revised May 14, 2012
36-Mbit (1 M × 36) Pipelined Sync SRAM
Features
Supports bus operation up to 250 MHz
Available speed grades are 250 and 167 MHz
Registered inputs and outputs for pipelined operation
3.3 V core power supply
2.5 V/3.3 V I/O power supply
Fast clock-to-output times
2.6 ns (for 250-MHz device)
Provide high-performance 3-1-1-1 access rate
User-selectable burst counter supporting IntelPentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed writes
Asynchronous output enable
Single cycle chip deselect
CY7C1440AV33 available in Pb-free 100-pin TQFP package,
Pb-free 165-ball FBGA package.
IEEE 1149.1 JTAG-compatible boundary scan
“ZZ” sleep mode option
Functional Description
The CY7C1440AV33 SRAM integrates 1 M × 36 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit counter
for internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BWX and BWE), and global write (GW).
Asynchronous inputs include the output enable (OE) and the ZZ
pin.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle.This part supports byte write
operations (see pin descriptions and truth table for further
details). Write cycles can be one to two or four bytes wide as
controlled by the byte write control inputs. GW when active LOW
causes all bytes to be written.
The CY7C1440AV33 operates from a +3.3 V core power supply
while all outputs may operate with either a +2.5 or +3.3 V supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
Selection Guide
Description
250 MHz
167 MHz
Unit
Maximum access time
2.6
3.4
ns
Maximum operating current
475
375
mA
Maximum CMOS standby current
120
120
mA


Similar Part No. - CY7C1440AV33_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167AXI CYPRESS-CY7C1440AV33-167AXI Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167BZC CYPRESS-CY7C1440AV33-167BZC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167BZC CYPRESS-CY7C1440AV33-167BZC Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1440AV33_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_12 Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com