Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1683 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1683 Datasheet HTML 4Page - Maxim Integrated Products DS1683 Datasheet HTML 5Page - Maxim Integrated Products DS1683 Datasheet HTML 6Page - Maxim Integrated Products DS1683 Datasheet HTML 7Page - Maxim Integrated Products DS1683 Datasheet HTML 8Page - Maxim Integrated Products DS1683 Datasheet HTML 9Page - Maxim Integrated Products DS1683 Datasheet HTML 10Page - Maxim Integrated Products DS1683 Datasheet HTML 11Page - Maxim Integrated Products DS1683 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
Event Logging
When the DS1683 is powered up, the internal oscilla-
tor starts; the ETC and Event Counter values, which are
recorded in the shadowed EEPROM bank memory, are
transferred to the ETC and Event Counter SRAM loca-
tions; and the device waits for an event (rising edge of
the EVENT signal). When an event triggers the input by
transitioning the EVENT pin from a low to a high level, the
following occur:
1) The ETC and Event Counter values are once again
transferred from shadowed EEPROM bank memory to
their SRAM counter locations.
2) After the glitch filtering and tEI, the ETC SRAM counter
value increments. See Figure 2 for timing. An event
greater than time event minimum (tG) but less than tEI
(i.e., a low-high-low transition on EVENT < tEI) incre-
ments the Event Counter SRAM value but not the ETC
SRAM value.
3) The ETC SRAM value increments every tEI. The ETC
SRAM counter holds time in quarter-second resolution.
4) When the EVENT pin goes low, the Event Counter
SRAM value increments by one, the ETC SRAM coun-
ter stops incrementing, and the values from the ETC
and Event Counter SRAM locations are transferred to
their Shadowed EEPROM counterparts. The I2C bus
is not available for tW.
The ETC value does not roll over when FFFFFFFFh, or
approximately 34 years, is reached. The Event Counter
value does not roll over when reaching a value of FFFFh.
While the EVENT pin is high, I2C write commands are
ignored, though I2C read commands are still possible.
Password Protection
From the factory, the DS1683 powers up without pass-
word protection enabled. The intent is to provide a
manufacturer an optional security feature to protect the
Configuration register, Alarm registers, User EEPROM,
ETC and Event Counter settings, and the Password Value
(PWV). The customer is not able to alter the Configuration
register, Alarm registers, ETC or Event Counter, User
EEPROM or Password Value settings if the password
conditions are not met.
The DS1683 password is stored in the 4-byte read-
only Password Value register, located at 1Ah–1Dh. The
default value for this register is FFFFFFFFh. To change
this value, a 4-byte I2C write command must be issued.
The 4 bytes of the new password must be issued with
the same I2C write command. Once the STOP of the I2C
write command is issued, the Password Value register is
updated with the new 4-byte value.
The Password Entry bytes (PWE) are where the user
enters the 4-byte password to unlock access to the
DS1683’s EEPROM locations. When writing the PWE
value, the user must issue a 4-byte I2C write command
starting at location 02h. This 4-byte value must match the
4-byte Password Value stored in registers 1Ah–1Dh.
Figure 2. Event Input Timing
INTERNAL EVENT
CLOCK
tG
tEI
EVENT INPUT


Similar Part No. - DS1683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S MAXIM-DS1683S Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683STR MAXIM-DS1683STR Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com