Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-08M Datasheet(PDF) 2 Page - Frontier Electronics.

Part # W-08M
Description  1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

W-08M Datasheet(HTML) 2 Page - Frontier Electronics.

  W-08M Datasheet HTML 1Page - Frontier Electronics. W-08M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W-005M THRU W-10M
Page: 2
RATINGS AND CHARACTERISTIC CURVES W-005M THRU W-10M
FIG. 5 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
60
50
40
30
20
10
0
0
2
4
6
10
20
40
60
100
NUMBER OF CYCLES AT 60HZ
TJ=150℃
Single Sine-Wave
(JEDEC Method)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
100
60
40
20
10
6
4
2
1
1
2
4
10
2
4
10
20
40
100
REVERSE VOLTAGE, VOLTS
TJ=25℃
f=1MHZ
Vsig=50mVp-p
FIG. 2 - TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE
TA=100℃
TA=25℃
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE,
60HZ Resistive or
Inductive Load
PC Board
.375”
9.5mm
COPPER Pads
0.22 In
2 5.5mm2
Capacitive
Load 50
°
Conduction Angle
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS PER ELEMENT
20
10
1.0
0.1
.01
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
Pulse Width=300us
1% Duty Cycle


Similar Part No. - W-08M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
W-08M-LFR FRONTIER-W-08M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - W-08M

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Formosa MS
KBP00 FORMOSA-KBP00 Datasheet
127Kb / 6P
   1.5A Miniature Single-Phase Silicon Bridge Rectifiers-50-1000V
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com