Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-04M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # W-04M
Description  1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

W-04M Datasheet(HTML) 1 Page - Frontier Electronics.

  W-04M Datasheet HTML 1Page - Frontier Electronics. W-04M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W-005M THRU W-10M
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M THRU W-10M
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY FLAMMABILITY RECOGNITION 94V-0
HIGH CASE DIELECTRIC STRENGTH
TYPICAL IR LESS THAN 1
μA
HIGH OVERLOAD SURGE CAPABILITY
IDEAL FOR PRINTED CIRCUIT BOARD
MECHANICAL DATA
CASE: EPOXY CASE, DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202
METHOD 208
MOUNTING POSITION: ANY
WEIGHT: 1.1 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL W-005M W-01M
W-02M
W-04M
W-06M
W-08M
W-10M UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=25
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
50
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL W-005M W-01M
W-02M
W-04M
W-06M
W-08M
W-10M UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT 1.0A
VF
1.1
V
MAXIMUM REVERSE LEAKAGE AT RATED DC TA=25
IR
10
μA
MIN
1.0(25.4)
POS
LEAD
.032(0.81)
.028(0.71)
.366(9.3)
.350(8.9)
.220(5.6)
.200(5.1)
MIN
1.1(27.9)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)


Similar Part No. - W-04M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
W-04M-LFR FRONTIER-W-04M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - W-04M

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
   1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Formosa MS
KBP00 FORMOSA-KBP00 Datasheet
127Kb / 6P
   1.5A Miniature Single-Phase Silicon Bridge Rectifiers-50-1000V
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com